Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL116K0XMHI030 Datasheet(PDF) 11 Page - SPANSION

Part # S25FL116K0XMHI030
Description  16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL116K0XMHI030 Datasheet(HTML) 11 Page - SPANSION

Back Button S25FL116K0XMHI030 Datasheet HTML 7Page - SPANSION S25FL116K0XMHI030 Datasheet HTML 8Page - SPANSION S25FL116K0XMHI030 Datasheet HTML 9Page - SPANSION S25FL116K0XMHI030 Datasheet HTML 10Page - SPANSION S25FL116K0XMHI030 Datasheet HTML 11Page - SPANSION S25FL116K0XMHI030 Datasheet HTML 12Page - SPANSION S25FL116K0XMHI030 Datasheet HTML 13Page - SPANSION S25FL116K0XMHI030 Datasheet HTML 14Page - SPANSION S25FL116K0XMHI030 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
November 6, 2013 S25FL116K_00_06
S25FL116K
11
Da ta
Shee t
(Prelim i nar y )
2.1
Migration Notes
2.1.1
Features Comparison
The S25FL1-K (S25FL116K, S25FL132K, and S25FL164K) is command set and footprint compatible with
prior generation FL-K and FL-P families.
Notes:
1. S25FL-K family devices can erase 4-kB sectors in groups of 32 kB or 64 kB.
2. S25FL1-K family devices can erase 4-kB sectors in groups of 64 kB.
3. S25FL-P has either 64-kB or 256-kB uniform sectors depending on an ordering option.
4. Refer to individual data sheets for further details.
2.1.2
Known Feature Differences from Prior Generations
2.1.2.1
Secure Silicon Region (OTP)
The size and format (address map) of the One Time Program area is the same for the S25FL1-K and the
S25FL-K but different for the S25FL-P.
2.1.2.2
Commands Not Supported
The following S25FL-K and S25FL-P commands are not supported:
 Quad Page PGM (32h)
 Half-Block Erase 32K (52h)
 Word read Quad I/O (E7)
 Octal Word Read Quad I/O (E3h)
 MFID dual I/O (92h)
 MFID quad I/O (94h)
 Read Unique ID (4Bh)
Table 2.1 FL Generations Comparison
Parameter
S25FL1-K
S25FL-K
S25FL-P
Technology Node
90 nm
90 nm
90 nm
Architecture
Floating Gate
Floating Gate
MirrorBit®
Release Date
In Production
In Production
In Production
Density
16 Mbit - 64 Mbit
4 Mbit - 128 Mbit
32 Mbit - 256 Mbit
Bus Width
x1, x2, x4
x1, x2, x4
x1, x2, x4
Supply Voltage
2.7V - 3.6V
2.7V - 3.6V
2.7V - 3.6V
Normal Read Speed
6 MB/s (50 MHz)
6 MB/s (50 MHz)
5 MB/s (40 MHz)
Fast Read Speed
13.5 MB/s (108 MHz)
13 MB/s (104 MHz)
13 MB/s (104 MHz)
Dual Read Speed
27 MB/s (108 MHz)
26 MB/s (104 MHz)
20 MB/s (80 MHz)
Quad Read Speed
54 MB/s (108 MHz)
52 MB/s (104 MHz)
40 MB/s (80 MHz)
Program Buffer Size
256B
256B
256B
Page Programming Time (typ.)
700 µs (256B)
700 µs (256B)
1500 µs (256B)
Program Suspend / Resume
Yes
Yes
No
Erase Sector Size
4 kB / 64 kB
4 kB / 32 kB / 64 kB
64 kB / 256 kB
Parameter Sector Size
N/A
N/A
4 kB
Sector Erase Time (typ.)
70 ms (4 kB), 350 ms (64 kB)
30 ms (4 kB), 150 ms (64 kB)
500 ms (64 kB)
Erase Suspend / Resume
Yes
Yes
No
OTP Size
768B (3 x 256B)
768B (3 x 256B)
506B
Operating Temperature
–40°C to +85°C / +105°C
–40°C to +85°C
–40°C to +85°C / +105°C


Similar Part No. - S25FL116K0XMHI030

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
More results

Similar Description - S25FL116K0XMHI030

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL132K SPANSION-S25FL132K Datasheet
3Mb / 85P
   CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O Industrial and Automotive Temperature
S25FL128S SPANSION-S25FL128S Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL512S SPANSION-S25FL512S Datasheet
5Mb / 143P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SAGMFIR01 SPANSION-S25FL128SAGMFIR01 Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SDPMFIG11 SPANSION-S25FL128SDPMFIG11 Datasheet
5Mb / 153P
   MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL512SAGBHI313 SPANSION-S25FL512SAGBHI313 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064K SPANSION-S25FL064K Datasheet
2Mb / 66P
   64-Mbit CMOS 3.0 Volt Flash Memory with 80-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com