Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL116K0XBFI030 Datasheet(PDF) 4 Page - SPANSION

Part # S25FL116K0XBFI030
Description  16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL116K0XBFI030 Datasheet(HTML) 4 Page - SPANSION

  S25FL116K0XBFI030 Datasheet HTML 1Page - SPANSION S25FL116K0XBFI030 Datasheet HTML 2Page - SPANSION S25FL116K0XBFI030 Datasheet HTML 3Page - SPANSION S25FL116K0XBFI030 Datasheet HTML 4Page - SPANSION S25FL116K0XBFI030 Datasheet HTML 5Page - SPANSION S25FL116K0XBFI030 Datasheet HTML 6Page - SPANSION S25FL116K0XBFI030 Datasheet HTML 7Page - SPANSION S25FL116K0XBFI030 Datasheet HTML 8Page - SPANSION S25FL116K0XBFI030 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
4
S25FL116K
S25FL116K_00_06 November 6, 2013
Data
Sheet
(Pre limin ar y)
1.
Performance Summary
Table 1.1 Maximum Read Rates (VCC = 2.7V to 3.6V, 105°C)
Command
Clock Rate
(MHz)
Mbytes/s
Read
50
6.25
Fast Read
108
13.5
Dual Read
108
27
Quad Read
108
54
Table 1.2 Typical Program and Erase Rates (VCC = 2.7V to 3.6V, 105°C)
Operation
kbytes/s
Page Programming (256-byte page buffer)
365
4-kbyte Sector Erase
58
64-kbyte Sector Erase
131
Table 1.3 Typical Current Consumption (VCC = 2.7V to 3.6V, 105°C)
Operation
Current (mA)
Serial Read 50 MHz
7
Serial Read 108 MHz
12
Dual Read 108 MHz
14
Quad Read 108 MHz
16
Program
20
Erase
20
Standby
0.015
Deep-Power Down
0.002


Similar Part No. - S25FL116K0XBFI030

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
More results

Similar Description - S25FL116K0XBFI030

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL132K SPANSION-S25FL132K Datasheet
3Mb / 85P
   CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O Industrial and Automotive Temperature
S25FL128S SPANSION-S25FL128S Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL512S SPANSION-S25FL512S Datasheet
5Mb / 143P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SAGMFIR01 SPANSION-S25FL128SAGMFIR01 Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SDPMFIG11 SPANSION-S25FL128SDPMFIG11 Datasheet
5Mb / 153P
   MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL512SAGBHI313 SPANSION-S25FL512SAGBHI313 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064K SPANSION-S25FL064K Datasheet
2Mb / 66P
   64-Mbit CMOS 3.0 Volt Flash Memory with 80-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com