Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QGPF-U500S27.5 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # QGPF-U500S27.5
Description  500Watts Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QGPF-U500S27.5 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  QGPF-U500S27.5 Datasheet HTML 1Page - Qualtek Electronics Corporation QGPF-U500S27.5 Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC input/ Full range
Built-in active PFC function, PF>0.95
Output Protections: OLP/OVP/OTP/SCP
All using 105°C long life electrolytic capacitors.
Built-in Remote Sense Function
QGPF-U500S12 QGPF-U500S15 QGPF-U500S24
QGPF-U500S48
500Watts Single Output
QGPF-U500S Series
Qualtek
Electronics Corporation
P
P C
Page 1 of 2
Output Characteristics
Input Characteristics
Protection
Environmental Characteristics
General Characteristics
Model
DC Output
Rated Current
Current Range
Ripple and Noise
Voltage ADJ. Range
Voltage Accuracy
Line Regulation
Load Regulation
Set-up Time
Hold-up Time
Temperature Coefficient
Overshoot and Undershoot
Voltage Range
Frequency Range
Power Factor (Typical)
Efficiency
(Typical)
AC Current (max)
Inrush Current (Typical)
Leakage Current
115VAC Input
230VAC Input
Over Temperature (OTP)
Over Load (OLP)
Over Voltage (OVP)
Short Circuit (SCP)
Fan ON/OFF Control
Remote ON/OFF Control
Operating Amb. Temp. & Hum
Storage Temp. & Hum
Safety Standards
Withstand Voltage
Isolation Resistance
EMI Conduction & Radiation
Harmonic Current
EMS Immunity
MTBF (MIL-HDBK-217F)
Dimension (LxWxH)
Packing
Cooling Method
Features:
12V
40A
0~40A
<120mV
11.2V~14.2V
±3.0%
±1.0%
±1.0%
<4.0s (115VAC input, full load); <2.0s (230VAC input, full load)
>20ms (230VAC input, full load)
±0.03%/°C
<5.0%
15V
33A
0~33A
<150mV
13.1V~17.3V
±3.0%
±1.0%
±1.0%
24V
20A
0~20A
<240mV
20.9V~27.2V
±3.0%
±1.0%
±1.0%
48V
10A
0~10A
<480mV
44.2V~54.1V
±3.0%
±1.0%
±1.0%
90VAC~264VAC, 130VDC~370VDC
47Hz-63Hz
PF>0.99/115VAC PF>0.95/230VAC
78%
82%
7.3A
<20A@115VAC Cold start <40A@230VAC Cold Start
Input-Output: <0.25mA Input-PG: <3.5mA
80%
82%
7.5A
81%
86%
7.5A
82%
85%
7.3A
95°C ± 5°C (heatsink of power transistor); shut down, auto recover after the temperature decreases
105%~140% of rated output current, constant current limiting, auto recovery
115%~150% of rated output voltage, shut down, re-power on to recover
Long-term mode, auto recovery
Output Load >55% rating or inside temperature >65°C, FAN ON
R.C./G: Short = power on; Open = power off
-10°C~60°C; 20%~90% RH Non-Condensing
-25°C~85°C: 10%-95% RH Non-Condensing
UL60950-1; EN60950-1: 2006
Primary-Secondary: 3.0KVAC;≤10mA. Primary-PG: 1.5KVAC;≤10mA. Secondary-PG: 0.5KVDC;≤10mA
≥50M ohms
Compliance to EN55022 Class A
Compliance to EN61000-3-2, 17625.1-2003
Compliance to EN61000-4-2, 3, 4, 5, 6, 8, 11; ENV50204, light industry level, criteria A
More than 100,000Hrs (25°C, Full load)
170x117x94mm
6PCS/CTN. G.W: 13.2kgs
Cooling by forced air (built-in DC fan)
Built-in Cooling Fan ON-OFF Control
Built-in Remote ON-OFF Control
QGPF-U500S27.5
27.5V
18A
0~18A
<270mV
23.2V~31.7V
±3.0%
±1.0%
±1.0%
80%
86%
7.5A
Rev. B


Similar Part No. - QGPF-U500S27.5

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
QGPK116FB SWITCH-QGPK116FB Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
QGPK116MB SWITCH-QGPK116MB Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
QGPK18M8FB SWITCH-QGPK18M8FB Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
QGPK1B SWITCH-QGPK1B Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
QGPK1B440 SWITCH-QGPK1B440 Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
More results

Similar Description - QGPF-U500S27.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DME500 ETC-DME500 Datasheet
173Kb / 3P
   500WATTS - 50 VOLTS 1025/1150 MHZ
logo
Vicor Corporation
V48A48C500B VICOR-V48A48C500B Datasheet
150Kb / 8P
   48Vin / 48Vout / 500Watts DC-DC Converter Module
V48A12C500B VICOR-V48A12C500B Datasheet
150Kb / 8P
   48Vin / 12Vout / 500Watts DC-DC Converter Module
V300A24C500B VICOR-V300A24C500B Datasheet
152Kb / 8P
   300Vin / 24Vout / 500Watts DC-DC Converter Module
V48A24C500A VICOR-V48A24C500A Datasheet
194Kb / 8P
   48Vin / 24Vout / 500Watts DC-DC Converter Module
V300A15C500B VICOR-V300A15C500B Datasheet
151Kb / 8P
   300Vin / 15Vout / 500Watts DC-DC Converter Module
V48A28C500B VICOR-V48A28C500B Datasheet
150Kb / 8P
   48Vin / 28Vout / 500Watts DC-DC Converter Module
logo
DAESAN ELECTRONIC CORP.
SA5.0 DAESAN-SA5.0 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Vicor Corporation
V48A15C500B VICOR-V48A15C500B Datasheet
150Kb / 8P
   48Vin / 15Vout / 500Watts DC-DC Converter Module
V300A12C500B VICOR-V300A12C500B Datasheet
152Kb / 8P
   300Vin / 12Vout / 500Watts DC-DC Converter Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com