Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD1-17238DBAW44 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # FDD1-17238DBAW44
Description  172x150x38mm DC AXIAL FAN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

FDD1-17238DBAW44 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  FDD1-17238DBAW44 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Motor: Brushless DC
Motor Protection: IC
Bearing Type: Two Ball
Connection: UL 1007 AWG 22, 360mm Wire Leads
Impeller Material: Steel
Operating Temp:
Two Ball: -20°C~70°C
172x150x38mm
FDD1-17238 Series
Features:
Frame Material: Aluminum Alloy
Volt.
(VDC)
Current
(A)
Power
(W)
Rated
Speed
(rpm)
Model No.
FDD1-17238CBAW4
FDD1-17238CBLW4
FDD1-17238CBMW4
FDD1-17238CBHW4
FDD1-17238DBAW4
FDD1-17238DBLW4
FDD1-17238DBMW4
FDD1-17238DBHW4
FDD1-17238DBJW4
FDD1-17238DBKW4
FDD1-17238EBAW4
FDD1-17238EBLW4
FDD1-17238EBMW4
FDD1-17238EBHW4
FDD1-17238EBJW4
FDD1-17238EBKW4
1.10
1.59
2.34
3.33
0.54
0.78
1.08
1.38
1.91
2.34
0.28
0.37
0.52
0.68
0.90
1.13
13.20
19.08
28.08
39.96
12.96
18.72
25.92
33.12
45.84
56.16
13.44
17.76
24.96
32.64
43.20
54.24
2800
3200
3600
4000
2800
3200
3600
4000
4400
4800
2800
3200
3600
4000
4400
4800
Maximum
AirFlow
5.95
6.94
7.79
8.78
5.95
6.94
7.79
8.78
9.63
10.20
5.95
6.94
7.79
8.78
9.63
10.20
210
245
275
310
210
245
275
310
340
360
210
245
275
310
340
360
12
12
12
12
24
24
24
24
24
24
48
48
48
48
48
48
(CMM)
(CFM)
Maximum Static
Pressure
0.571
0.732
0.909
1.122
0.571
0.732
0.909
1.122
1.315
1.543
0.571
0.732
0.909
1.122
1.315
1.543
14.5
18.6
23.1
28.5
14.5
18.6
23.1
28.5
33.4
39.2
14.5
18.6
23.1
28.5
33.4
39.2
(InAq)
(mmAq)
Noise
Level
(dB/A)
52.0
56.0
60.0
64.0
52.0
56.0
60.0
64.0
68.0
72.0
52.0
56.0
60.0
64.0
68.0
72.0
Weight
(g)
880
880
880
880
880
880
880
880
880
880
880
880
880
880
880
880
ISO-9001 Company
www.Qualtekusa.com
DC AXIAL FAN
Life Expectancy:
Two Ball: 50,000 Hours
Two Ball: 100,000 Hours (-L)
* Indicates “2” (No Special Function), “3” (Alarm), “4” (Speed Sensor), “9” (PWM),
“B” (PWM + Speed Sensor) or “C” (Alarm + Speed Sensor)
# Indicates “-L” (100,000 Hours Life Expectancy) or Leave Blank (50,000 Hours Life Expectancy)
Q
ualtek
Electronics Corporation
Noise is measured at the distance of one (1) meter from the axis of intake.
Fan-S Division
Rotation direction
Air flow
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
#
#
#
#
#
#
#
#
#
#
#
#
#
#
#
#
0
5
10
15
20
25
30
35
40
0
50
100
150
200
250
300
350
400
FLOWRATE (CFM)
Fan Performance Curve
A
L
M
H
J
K
172 ± 0.5
162 ± 0.3
360
5
Ø4.3±0.2
M4*P0.7
38.5 ± 0.5


Similar Part No. - FDD1-17238DBAW44

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FDD1-17251 QUALTEK-FDD1-17251 Datasheet
648Kb / 1P
   172x150x51mm DC AXIAL FAN
FDD1-17251CBAW32 QUALTEK-FDD1-17251CBAW32 Datasheet
648Kb / 1P
   172x150x51mm DC AXIAL FAN
FDD1-17251CBAW32-L QUALTEK-FDD1-17251CBAW32-L Datasheet
648Kb / 1P
   172x150x51mm DC AXIAL FAN
FDD1-17251CBAW33 QUALTEK-FDD1-17251CBAW33 Datasheet
648Kb / 1P
   172x150x51mm DC AXIAL FAN
FDD1-17251CBAW33-L QUALTEK-FDD1-17251CBAW33-L Datasheet
648Kb / 1P
   172x150x51mm DC AXIAL FAN
More results

Similar Description - FDD1-17238DBAW44

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FDA2-17238 QUALTEK-FDA2-17238 Datasheet
513Kb / 1P
   172x150x38mm AC AXIAL FAN
logo
Dubilier
DBF17238B12M DUBILIER-DBF17238B12M Datasheet
156Kb / 1P
   DC COOLING FAN 172x150x38mm
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
   DC AXIAL FAN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com