Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD1801A Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD1801A
Description  8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1801A Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD1801A Datasheet HTML 1Page - Advanced Linear Devices ALD1801A Datasheet HTML 2Page - Advanced Linear Devices ALD1801A Datasheet HTML 3Page - Advanced Linear Devices ALD1801A Datasheet HTML 4Page - Advanced Linear Devices ALD1801A Datasheet HTML 5Page - Advanced Linear Devices ALD1801A Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ALD1801A/ALD1801B
Advanced Linear Devices
3
ALD1801
Resolution
8
8
8
Bits
Monotonicity
8
8
8
Bits
Nonlinearity
NL
±0.1
±0.19
±0.39
% of
Full Scale
Settling Time
tS
4.0
10.0
4.0
10.0
4.0
10.0
µs
To 1/2 LSB with all bits
turned on/off
Propagation
td
1.5
4.0
1.5
4.0
1.5
4.0
µs
Each Bits
Delay
1.5
4.0
1.5
4.0
1.5
4.0
µs
All Bits
Full Scale
TC
±10
±50
±10
±50
±10
±50
ppm/
°C
Tempco
Output
VOC
V-
V+
V-
V+
V-
V+
V
Compliance
+1.5
+0.2
+1.5
+0.2 +1.5
+0.2
Output
50
50
50
M
Output Within
Impedance
Compliance limits
Full Scale
IFS
50
50
50
µAROUT = ROUT = 100KΩ
Current Range
VREF = 2.5V; RREF =50KΩ
Full Scale
IFSS
±2.5
±2.5
±2.5
µA
Symmetry
Zero Scale
IZS
10
10
10
nA
Current
Reference Bias
IRB
0.1
0.1
0.1
nA
Current
Power Supply
+IS
350
500
350
500
350
500
µA
Full Scale
Current
- IS
450
600
450
600
450
600
Output = 50
µA
Power Dissipation
PD
1.8
1.8
1.8
mW
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25
°C VS = ±1.65V or VS = +3.3V unless otherwise specified
1801A
1801B
1801
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions


Similar Part No. - ALD1801A

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALD18 ASTEC-ALD18 Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
ALD18A48- ASTEC-ALD18A48- Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
ALD18A48-6 ASTEC-ALD18A48-6 Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
ALD18A48-6S ASTEC-ALD18A48-6S Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
ALD18A48-S ASTEC-ALD18A48-S Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
More results

Similar Description - ALD1801A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Unisonic Technologies
M62364 UTC-M62364_15 Datasheet
229Kb / 8P
   8-BIT 8-CH MULTIPLYING D-A CONVERTER
logo
Analog Devices
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Analog Devices
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
   CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com