Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ALD1502 Datasheet(PDF) 3 Page - Advanced Linear Devices

Part No. ALD1502
Description  SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALD [Advanced Linear Devices]
Homepage  http://www.aldinc.com
Logo 

   
 3 page
background image
ALD1502/ALD2502
Advanced Linear Devices
3
TYPICAL PERFORMANCE CHARACTERISTICS
TIME DELAY IN THE MONOSTABLE MODE
AS A FUNCTION OF RA AND C
TIME DELAY
100ns 1
µs
1ms
1s
10s
1G
10M
100M
1M
10 mF
100 nF
1 mF
100
µF
10
µF
1
µF
10 nF
1 nF
100 pF
TA = 25°C
10
µs 100µs
10ms 100ms
100s
RA
0
10
20
30
40
MINIMUM PULSE WIDTH
REQUIRED FOR TRIGGERING
800
600
500
400
300
200
100
0
700
LOWEST VOLTAGE LEVEL OF TRIGGER
PULSE ( % VDD )
TA = 25°C
V+= 5V
V+ =12V
V+ = 2V
SUPPLY CURRENT AS A FUNCTION OF
SUPPLY VOLTAGE
0
2
4
6
8
10
12
100
60
50
40
30
20
10
0
70
80
90
TA = + 85°C
TA = + 20°C
TA = - 40°C
SUPPLY VOLTAGE (V)
DISCHARGE OUTPUT SINK CURRENT AS A
FUNCTION OF DISCHARGE LOW VOLTAGE
DISCHARGE LOW VOLTAGE (V)
0.01
0.02
0.05
0.1
1.0
0.5
0.2
100
50
20
5.0
2.0
1.0
0.5
0.2
0.1
10
TA = 25°C
V+ = 5V
V+ = 12V
V+ = 2V
FREQUENCY CHANGE IN THE ASTABLE
MODE AS A FUNCTION OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
24
6
12
10
8
+4
+3
+2
+1
0
-1
-2
-3
-4
FREE RUNNING FREQUENCY AS
A FUNCTION OF RA, RB AND C
FREQUENCY (Hz)
1.0
1K
10K 100K
10M 100M
1M
10 mF
100 nF
1 mF
100
µF
10
µF
1
µF
10 nF
1 nF
100 pF
10
0.1
100
(
RA- 2RB)
TA = 25
°C
100M
10M
1M
100K
10K
1K




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ALD4501QUAD PRECISION HIGH SPEED MICROPOWER TIMER 1 2 3 4 Advanced Linear Devices
LT1007Low Noise High Speed Precision Operational Amplifiers 1 2 3 4 5 MoreLinear Technology
TS834MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW OR HIGH WITH INTEGRATED TIMER 1 2 3 4 5 MoreSTMicroelectronics
TLE2144EXCALIBUR LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTI store
AD713Quad Precision Low Cost High Speed BiFET Op Amp 1 2 3 4 5 MoreAnalog Devices
OP467Quad Precision High Speed Operational Amplifier 1 2 3 4 5 MoreAnalog Devices
LT1022High Speed Precision JFET Input Operational Amplifier  1 2 3 4 5 MoreLinear Technology
CD54HC4538High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator 1 2 3 4 5 MoreTI store
SI5311PRECISION HIGH SPEED CLOCK MULTIPLIER/REGENERATOR IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LT1028Ultra Low Noise Precision High Speed Op Amps 1 2 3 4 5 MoreLinear Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl