Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UZS1C100MCL1GB Datasheet(PDF) 1 Page - Nichicon corporation

Part # UZS1C100MCL1GB
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UZS1C100MCL1GB Datasheet(HTML) 1 Page - Nichicon corporation

  UZS1C100MCL1GB Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Plastic platform
Voltage
Capacitance
Voltage mark for 6.3V is
6V .
Lot No.
Positive
Negative
U
1
Z
2
S
3
1
4
C
5
1
6
0
7
0
8
M
9
C
10
L
11
1
12
G
13
B
14
Configuration
Taping code
Capacitance tolerance (+
– 20%)
Rated capacitance (10
µF)
Rated voltage (16V)
Series name
Type
0.3 MAX.
4.5
+ 0.1
– 0.2
C +
– 0.2
0.5 to 0.8
ZS
series
4.5mmL Chip Type
Chip type with 4.5mm height.
Designed for surface mounting on high density PC board.
Applicable to automatic mounting machine fed with carrier tape.
Compliant to the RoHS directive (2011/65/EU).
Chip Type
Type numbering system (Example : 16V 10µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 to + 85°C
4 to 50V
0.1 to 220µF
+
– 20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (µA) ,whichever is greater.
Black print on the case top.
Measurement frequency : 120Hz at 20°C
Measurement frequency : 120Hz
The specifications listed at right shall be met when
the capacitors are restored to 20°C after the rated
voltage is applied for 2000 hours at 85°C.
After storing the capacitors under no load at 85°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Resistance to soldering
heat
The capacitors are kept on a hot plate for 30 seconds, which is
maintained at 250°C. The capacitors shall meet the
characteristic requirements listed at right when they are
removed from the plate and restored to 20°C.
ZS
Bi-polarized
ZP
WX
ZT
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
4
7
15
6.3
4
8
10
3
8
16
2
4
25
2
4
35
2
3
50
2
3
Dimensions
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
4
4
5
6.3
28
33
56
96
4
5
5
6.3
28
37
45
70
5
5
6.3
33
41
52
4
5
6.3
6.3
23
37
49
58
4
5
6.3
6.3
16
27
42
52
4
5
6.3
18
29
46
4
4
4
4
4
4
4
5
6.3
1.0
2.0
2.8
4.0
8.4
13
17
20
33
Rated
ripple
4
0G
6.3
0J
10
1A
16
1C
25
1E
35
1V
50
1H
V
Code
Rated ripple current (mArms) at 85°C 120Hz
φD
A
B
C
E
4
1.8
4.3
4.3
1.0
5
2.1
5.3
5.3
1.3
6.3
2.4
6.6
6.6
2.2
(mm)
Cap. (µF)
Rated voltage (V)
tan
δ (MAX.)
4
0.50
6.3
0.30
10
0.24
16
0.19
25
0.16
35
0.14
50
0.14
Capacitance change
Leakage current
tan
δ
Within +
– 10% of the initial capacitance value
Less than or equal to the initial specified value
Less than or equal to the initial specified value
Capacitance change
Leakage current
tan
δ
Within +
– 20% of the initial capacitance value
200% or less than the initial specified value
Less than or equal to the initial specified value
High
Temperature
ALUMINUM ELECTROLYTIC CAPACITORS
ZR
Smaller
Smaller
Taping specifications are given in page 23.
Recommended land size, soldering by reflow are given
in page 18, 19.
Please select UR(p.154), UG(p.162) series if high C/V
products are reqired.
Please refer to page 3 for the minimum order quantity.
Case size
φ D (mm)
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz or more
0.70
1.00
1.17
1.36
1.50
CAT.8100C


Similar Part No. - UZS1C100MCL1GB

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UZS1C100MCL NICHICON-UZS1C100MCL Datasheet
41Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UZS1C100MCL1GB

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com