Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C945 Datasheet(PDF) 1 Page - Kwang Myoung I.S. CO.,LTD

Part # C945
Description  PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD

C945 Datasheet(HTML) 1 Page - Kwang Myoung I.S. CO.,LTD

  C945 Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD C945 Datasheet HTML 2Page - Kwang Myoung I.S. CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
K I SEMICONDUCTOR
█ APPLICATIONS
The H945 is designed for driver stage of AF amplifier
And low speed switching.
█ ABSOLUTE MAXIMUM RATINGS(T
a=25℃)
█ ELECTRICAL CHARACTERISTICS(T
a=25℃)
Symbol
Characteristics
Min
Typ
Max
Unit
Test Conditions
BVCBO
Collector-Base Breakdown Voltage
60
V
IC=100μA,
IE=0
BVCEO
Collector-Emitter Breakdown Voltage
50
V
IC=100μA,
IB=0
BVEBO
Emitter-Base Breakdown Voltage
5
V
IE=100μA,IC=0
HFE
DC Current Gain
90
600
VCE=6V, IC=1mA
VCE(sat)
Collector- Emitter Saturation Voltage
0.3
V
IC=100mA, IB=10mA
VBE(sat)
Base-Emitter Saturation Voltage
1.0
V
IC=100mA, IB=10mA
ICBO
Collector Cut-off Current
100
nA
VCB=60V, IE=0
IEBO
Emitter Cut-off Current
100
nA
VEB=5V, IC=0
fT
Current Gain-Bandwidth Product
250
MHz
VCE=6V, IC=10mA
Cob
Output Capacitance
3.0
pF
VCB=6V, IE=0,f=1MHz
NF
Noise Figure
4.0
dB
VCE=6V,IC=0.5mA,f=1KHz,
Rs=500Ω
█ hFE Classification
R
Q
P
K
90—180
135—270
200—400
300—600
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature…………………………………150℃
PC——Collector Dissipation…………………………………250mW
VCBO——Collector-Base Voltage………………………………60V
VCEO——Collector-Emitter Voltage……………………………50V
VEBO——Emitter-Base Voltage………………………………5V
IC——Collector Current……………………………………150mA
TO-92
C945
PNP SILIC ON TRANS ISTOR
1―Emitter,E
2―Base,B
3―Collector,C


Similar Part No. - C945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C945 ETC-C945 Datasheet
1Mb / 2P
   TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
C945 DGNJDZ-C945 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Stanson Technology
C945 STANSON-C945 Datasheet
80Kb / 1P
   NPN TRANSISTOR
logo
GUANGDONG HOTTECH INDUS...
C945 HOTTECH-C945 Datasheet
178Kb / 2P
   Plastic-Encapsulate Transistors
logo
Weitron Technology
C945 WEITRON-C945 Datasheet
2Mb / 4P
   NPN Transistors
More results

Similar Description - C945

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com