Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UUR1A101MCL1GS Datasheet(PDF) 1 Page - Nichicon corporation

Part # UUR1A101MCL1GS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UUR1A101MCL1GS Datasheet(HTML) 1 Page - Nichicon corporation

  UUR1A101MCL1GS Datasheet HTML 1Page - Nichicon corporation UUR1A101MCL1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimension table in next page.
Capacitance
Lot No.
Plastic platform
0.3MAX.
C
±0.2
H
Positive
Negative
Voltage mark for 6.3V is
6V .
L
±0.3
2 Voltage
Trade mark
1
1 Size
φ8 × 6.2 only
2
H
Plastic platform
0.3MAX.
C
±0.2
Positive
Negative
L
±0.5
2 Voltage
Capacitance
Lot No.
Trade mark
Pressure relief vent
(mm)
A
B
C
E
L
H
6.3
× 5.8
2.4
6.6
6.6
2.2
5.8
0.5 to 0.8
6.3
× 7.7
2.4
6.6
6.6
2.2
7.7
0.5 to 0.8
8
× 6.2
3.3
8.3
8.3
2.3
6.2
0.5 to 0.8
8
× 10
2.9
8.3
8.3
3.1
10
0.8 to 1.1
10
× 10
3.2
10.3
10.3
4.5
10
0.8 to 1.1
φ D × L
U
1
U
2
R
3
1
4
A
5
1
6
0
7
1
8
M
9
C
10
L
11
1
12
G
13
S
14
Configuration
Package code
Size code
Capacitance tolerance (
±20%)
Rated capacitance (100
µF)
Rated voltage (10V)
Series name
Type
φ D × L
6.3
× 5.8
8
× 6.2
8
× 10
10
× 10
Code
CL
CL
6.3
× 7.7
CL
NL
NL
UR
series
Chip Type, High CV
Chip type, higher capacitance in larger case sizes.
Designed for surface mounting on high density PC board.
Applicable to automatic mounting machine fed with carrier tape.
Compliant to the RoHS directive (2011/65/EU).
Chip Type
(
φ6.3, φ8 × 6.2)
(
φ8 × 10, φ10 × 10)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
Stability at Low Temperature
Endurance
Shelf Life
Resistance to soldering
heat
Marking
Performance Characteristics
Item
– 40 to +85°C
4 to 100V
3.3 to 1500µF
± 20% at 120Hz, 20°C
After 1 minute's application of rated voltage, leakage current is not more than 0.03CV (µA) .
Black print on the case top.
After storing the capacitors under no load at 85°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Type numbering system (Example : 10V 100µF)
The capacitors are kept on a hot plate for 30 seconds,
which is maintained at 250°C. The capacitors shall meet
the characteristic requirements listed at right when they
are removed from the plate and restored to 20°C.
UR
WX
The specifications listed at right shall be met when
the capacitors are restored to 20°C after the rated
voltage is applied for 2000 hours at 85°C.
Capacitance change
Leakage current
tan
δ
Within ±20% of the initial capacitance value
Less than or equal to the initial specified value
200% or less than the initial specified value
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
100
2
3
63
2
3
50
2
3
35
2
3
25
2
4
16
3
6
10
4
8
6.3
5
10
4
7
15
Measurement frequency: 120Hz
Rated voltage (V)
tan
δ (MAX.)
50
0.12
63
0.12
100
0.12
35
0.14
25
0.16
16
0.20
10
0.24
6.3
0.28
Measurement frequency : 120Hz at 20°C
Capacitance change
Leakage current
tan
δ
Within ±10% of the initial capacitance value
Less than or equal to the initial specified value
Less than or equal to the initial specified value
Higher
C/V
4
0.35
ALUMINUM ELECTROLYTIC CAPACITORS
UG
Extended
range
WS
High
Temperature
Reflow
CAT.8100C


Similar Part No. - UUR1A101MCL1GS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UUR1A101MCL1GS NICHICON-UUR1A101MCL1GS Datasheet
53Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UUR1A101MCL1GS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com