Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD5393 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AKD5393
Description  EVALUATION BOARD REV.A FOR AK5393
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5393 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AKD5393 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD5393 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD5393 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5393 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5393 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5393 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5393 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5393 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5393 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ASAHI KASEI
[AKD5393 Rev.A]
<KM059101>
’00/05
- 4 -
1-2DIT (Optical Link)
PORT1 is used. DIT generates audio Bi-phase signal from received data and which is output through optical
connector (TOTX174). It is possible to connect AKM's D/A converter evaluation boards on the digital-amplifier,
which equips DIR input. There are two kinds of jumper setting depend on the SMODE1 and SMODE2 pin. The
interface signals are output from PORT2. (See the (4)). In case of using external clock through a BNC connector,
select EXT on JP11 (MCLK) and short JP12 (XTE).
[Slave mode] (Default)
[Master mode]
Figure 3. Jumper set up (DIT)
1-3 All interface signals (MCLK, BICK and LRCK) are fed from external circuit. [Slave mode]
Under the following setup, MCLK, LRCK and SCLK signals needed for the A/D to operate could be
Fed through PORT2.
Figure 4. Jumper set up (EXT)
1-4 Feed all interface signals to the external circuit through PORT2.
[Master, Slave mode]
Please set up as same as 1-2. All interfacing signal which drive AK5393 are output through PORT2.
However, the FSYNC signal is input when the position of the SDATA is needed to be controlled.
* Setting for double speed sampling (fs=96kHz)
For the double speed sampling, DFS="L", MCLK=128fs, BICK=64fs(max) are required.
So, when BICK and LRCK are created from 74HC4040 on the board, the crystal oscillator should be changed to
24.576MHz and set JP14 (MCLK2) to 128fs side (see the schematics).
2. BIT CLK (BCF) set up
[JP8] Either 64fs or 128fs for the BCF can be selected. Figure shows 128fs example.
When DFS="H", set JP8 to 64 side.
128:
128fs is fed to AK5393 as BICK.
64:
64fs is fed to AK5393 as BICK.
JP9
JP7
BC
JP11
M CLK
EXT
XTL
JP12
XTE
LR
JP8
64
128
BCF
JP9
JP7
BC
JP11
MCLK
EXT
XTL
JP12
XTE
LR
JP9
JP7
BC
JP11
MCLK
EXT
XTL
JP12
XTE
LR


Similar Part No. - AKD5393

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5393 AKM-AKD5393 Datasheet
112Kb / 18P
   Enhanced Dual bit 96 kHz 24-bit ADC
AKD5393 AKM-AKD5393 Datasheet
885Kb / 23P
   professional audio 24bit A/D converter
AKD5393 AKM-AKD5393_05 Datasheet
885Kb / 23P
   professional audio 24bit A/D converter
More results

Similar Description - AKD5393

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4523 AKM-AKD4523 Datasheet
1Mb / 30P
   EVALUATION BOARD REV.A FOR AK4523
AKD4309B AKM-AKD4309B Datasheet
1Mb / 15P
   EVALUATION BOARD REV.A FOR AK4309B
AKD4363 AKM-AKD4363 Datasheet
340Kb / 30P
   EVALUATION BOARD REV.A FOR AK4363
AKD4569 AKM-AKD4569 Datasheet
311Kb / 27P
   Evaluation board Rev.A for AK4569
AKD4584 AKM-AKD4584 Datasheet
366Kb / 41P
   Evaluation board Rev.A for AK4584
AKD5365 AKM-AKD5365 Datasheet
270Kb / 27P
   Evaluation board Rev.A for AK5365
AKD4380 AKM-AKD4380 Datasheet
220Kb / 21P
   EVALUATION BOARD REV.A FOR AK4380
AKD4524 AKM-AKD4524 Datasheet
746Kb / 28P
   EVALUATION BOARD REV.A FOR AK4524
AKD4353 AKM-AKD4353 Datasheet
260Kb / 25P
   EVALUATION BOARD REV.A FOR AK4353
AKD4122 AKM-AKD4122 Datasheet
516Kb / 36P
   Evaluation board Rev.A for AK4122
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com