Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECET1KA153FA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECET1KA153FA
Description  Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECET1KA153FA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECET1KA153FA Datasheet HTML 1Page - Panasonic Semiconductor ECET1KA153FA Datasheet HTML 2Page - Panasonic Semiconductor ECET1KA153FA Datasheet HTML 3Page - Panasonic Semiconductor ECET1KA153FA Datasheet HTML 4Page - Panasonic Semiconductor ECET1KA153FA Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Aluminum Electrolytic Capacitors
Long Life - endurance rating of 3000 hours at 105°C
4 terminal mounting provides stability and keyed polarity
Extended higher CV ratings
**Use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature.
Part Number System
4 Pin Mounting Style
Pin Dimensions
Endurance:
Dimensions in millimeters
42
3√CV (µA) max. after 5 minutes; C = Capacitance in µF, V = WV
3000 hours at +105°C with maximum specified ripple current (see page 4)
Capacitance Tolerance:
Dissipation Factor:
(120 Hz, +20°C)
Leakage Current:
Ripple Current Multipliers:
T-HA Series 105°C, 3000 hours
Nominal Capacitance:
820~150000µF
Rated Working Voltage:
Operating Temperature:
16 ~ 250 VDC
-40 ~ +105°C
± 20%
350 ~ 450 VDC
-25 ~ +105°C
330~1800µF
Working Voltage [V]:
Max. D.F. (%):
16
50
25
20
160 ~ 450
15
(rated cap. [µF] - 33000 )
1000
For capacitance values > 33000µF, add the value of:
25
40
35
35
50
30
63
80
100
20
Frequency(Hz):
16~100WV:
50
160~450WV:
0.93
0.75
0.95
0.8
1.0
1.0
1.2
1.08
1.25
1.15
1.4
1.05
60
100~120
500
1k
10k
E
C
E
T
A
Capacitance
Code
Series
Code
T = 6.3mm Length Snap-in Terminal
Standard on 4 Pin Products
+0.2
Top of Capacitor Body
6.3±1.0
1.5±0.2
2.0 max.
0.8 -0.1
4.0
2G
2V
2E
2D
2A
1K
1J
1H
1V
1E
25
35
50
63
80 100 200 250 350 400
Voltage Code
1C
16
2W
450
Terminals
ECET
Prefix
No. of Pins
4
4 x Ø2.0±0.1
Ø22.5±0.1
30°
30°
60°
60°
(+)
(-)
Isolate
P.C. Pads
T
L
ØD
+
Circuit Board Mounting
Holes
Diameter Code
Dia.
35
40
Code
E
F
Terminal Suffix Code
Terminal Length & Type
Extended
Ratings
Standard
Ratings
6.3mm Snap-in (Standard):
A
X
Ripple Current Ambient Temperature Factors**
≤45°C
2.35
60°C
70°C
85°C
Temperature (°C):
Multiplier:
1.7
2.0
2.2
105°C
1.0
RoHS
Compliant
RoHS compliant PVC sleeve and top
plate is standard.


Similar Part No. - ECET1KA153FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECET1KA153FA PANASONIC-ECET1KA153FA Datasheet
412Kb / 2P
   Long Life - endurance rating of 3000 hours at 105째C Can vent construction
ECET1KA153FA PANASONIC-ECET1KA153FA Datasheet
412Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
ECET1KA153FA PANASONIC-ECET1KA153FA Datasheet
240Kb / 5P
   Aluminum Electrolytic Capacitors
ECET1KA153FA PANASONIC-ECET1KA153FA Datasheet
412Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - ECET1KA153FA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com