Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD5354 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AKD5354
Description  EVALUATION BOARD REV.A FOR AK5354
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5354 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AKD5354 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5354 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5354 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5354 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD5354 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD5354 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD5354 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD5354 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD5354 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ASAHI KASEI
[AKD5354]
<KM062600>
’00/06
- 10 -
A K M
AK5354 Linearity
VA=VD=2 .5V, fs=44.1kHz, fin=1kHz
-120
+0
-100
-80
-60
-40
-20
d
B
F
S
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
dBr
Figure 3. Linearity
AKM
AK5354 F requency Response
VA=VD=2 .5V, fs=44.1kHz, Input=-0.5dBr
-2
+0
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
d
B
F
S
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Figure 4. Frequency Response


Similar Part No. - AKD5354

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5354 AKM-AKD5354 Datasheet
109Kb / 19P
   LOW POWER 20 BIT ADC WITH PGA
AKD5354 AKM-AKD5354 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
More results

Similar Description - AKD5354

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4523 AKM-AKD4523 Datasheet
1Mb / 30P
   EVALUATION BOARD REV.A FOR AK4523
AKD5393 AKM-AKD5393 Datasheet
602Kb / 22P
   EVALUATION BOARD REV.A FOR AK5393
AKD4309B AKM-AKD4309B Datasheet
1Mb / 15P
   EVALUATION BOARD REV.A FOR AK4309B
AKD4363 AKM-AKD4363 Datasheet
340Kb / 30P
   EVALUATION BOARD REV.A FOR AK4363
AKD4569 AKM-AKD4569 Datasheet
311Kb / 27P
   Evaluation board Rev.A for AK4569
AKD4584 AKM-AKD4584 Datasheet
366Kb / 41P
   Evaluation board Rev.A for AK4584
AKD5365 AKM-AKD5365 Datasheet
270Kb / 27P
   Evaluation board Rev.A for AK5365
AKD4380 AKM-AKD4380 Datasheet
220Kb / 21P
   EVALUATION BOARD REV.A FOR AK4380
AKD4524 AKM-AKD4524 Datasheet
746Kb / 28P
   EVALUATION BOARD REV.A FOR AK4524
AKD4353 AKM-AKD4353 Datasheet
260Kb / 25P
   EVALUATION BOARD REV.A FOR AK4353
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com