Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP2P50E Datasheet(PDF) 6 Page - Motorola, Inc

Part # MTP2P50E
Description  TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 6.0 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP2P50E Datasheet(HTML) 6 Page - Motorola, Inc

  MTP2P50E Datasheet HTML 1Page - Motorola, Inc MTP2P50E Datasheet HTML 2Page - Motorola, Inc MTP2P50E Datasheet HTML 3Page - Motorola, Inc MTP2P50E Datasheet HTML 4Page - Motorola, Inc MTP2P50E Datasheet HTML 5Page - Motorola, Inc MTP2P50E Datasheet HTML 6Page - Motorola, Inc MTP2P50E Datasheet HTML 7Page - Motorola, Inc MTP2P50E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MTP2P50E
6
Motorola TMOS Power MOSFET Transistor Device Data
SAFE OPERATING AREA
TJ, STARTING JUNCTION TEMPERATURE (°C)
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
0.1
10
1000
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
10
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
0.01
25
50
75
100
125
80
ID = 2 A
1
0.1
1
100
150
t, TIME (s)
Figure 13. Thermal Response
R
θJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
1 ms
10 ms
100
µs
dc
60
40
20
0
1
0.1
0.01
1.0E–05
1.0E–04
1.0E–03
1.0E–02
1.0E–01
1.0E+00
1.0E+01
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
10
µs
VGS = 20 V
SINGLE PULSE
TC = 25°C


Similar Part No. - MTP2P50E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP2P50E ONSEMI-MTP2P50E Datasheet
103Kb / 8P
   Power MOSFET 2 Amps, 500 Volts
November, 2000 ??Rev. 3
MTP2P50EG ONSEMI-MTP2P50EG Datasheet
193Kb / 7P
   Power MOSFET 2 Amps, 500 Volts
May, 2010 ??Rev. 6
MTP2P50E ONSEMI-MTP2P50E_10 Datasheet
193Kb / 7P
   Power MOSFET 2 Amps, 500 Volts
May, 2010 ??Rev. 6
More results

Similar Description - MTP2P50E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD2N50E MOTOROLA-MTD2N50E Datasheet
299Kb / 10P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
MTP2N50E MOTOROLA-MTP2N50E Datasheet
244Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
MTD6N20E MOTOROLA-MTD6N20E Datasheet
269Kb / 10P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 0.7 OHM
MTD6P10E MOTOROLA-MTD6P10E Datasheet
261Kb / 10P
   TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.66 OHM
MTD6N15 MOTOROLA-MTD6N15 Datasheet
231Kb / 10P
   TMOS POWER FET 6.0 AMPERES 150 VOLTS RDS(on) = 0.3 OHM
MTD6N10E MOTOROLA-MTD6N10E Datasheet
211Kb / 10P
   TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.400 OHM
MTP6P20E MOTOROLA-MTP6P20E Datasheet
216Kb / 8P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 1.0 OHM
MTV6N100E MOTOROLA-MTV6N100E Datasheet
262Kb / 10P
   TMOS POWER FET 6.0 AMPERES 1000 VOLTS RDS(on) = 1.5 OHM
MTW6N100E MOTOROLA-MTW6N100E Datasheet
195Kb / 8P
   TMOS POWER FET 6.0 AMPERES 1000 VOLTS RDS(on) = 1.5 OHM
MTP2N40E MOTOROLA-MTP2N40E Datasheet
217Kb / 8P
   TMOS POWER FET 2.0 AMPERES 400 VOLTS RDS(on) = 3.5 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com