Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5116LI Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT5116LI
Description  Log?릘aper, 100?릘ap Digital Potentiometer (POT)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5116LI Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5116LI Datasheet HTML 1Page - ON Semiconductor CAT5116LI Datasheet HTML 2Page - ON Semiconductor CAT5116LI Datasheet HTML 3Page - ON Semiconductor CAT5116LI Datasheet HTML 4Page - ON Semiconductor CAT5116LI Datasheet HTML 5Page - ON Semiconductor CAT5116LI Datasheet HTML 6Page - ON Semiconductor CAT5116LI Datasheet HTML 7Page - ON Semiconductor CAT5116LI Datasheet HTML 8Page - ON Semiconductor CAT5116LI Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CAT5116
http://onsemi.com
5
Table 5. AC TEST CONDITIONS
VCC Range
2.5 V  VCC  5.5 V
Input Pulse Levels
0.2 VCC to 0.7 VCC
Input Rise and Fall Times
10 ns
Input Reference Levels
0.5 VCC
Table 6. AC OPERATING CHARACTERISTICS (VCC = +2.5 V to +5.5 V, VH = VCC, VL = 0 V, unless otherwise specified)
Symbol
Parameter
Min
Typ (Note 7)
Max
Units
tCI
CS to INC Setup
100
ns
tDI
U/D to INC Setup
50
ns
tID
U/D to INC Hold
100
ns
tIL
INC LOW Period
250
ns
tIH
INC HIGH Period
250
ns
tIC
INC Inactive to CS Inactive
1
ms
tCPH1
CS Deselect Time (NO STORE)
100
ns
tCPH2
CS Deselect Time (STORE)
10
ms
tIW
INC to VOUT Change
1
5
ms
tCYC
INC Cycle Time
1
ms
tR, tF (Note 8) INC Input Rise and Fall Time
500
ms
tPU (Note 8)
Power-up to Wiper Stable
1
ms
tWR
Store Cycle
5
10
ms
7. Typical values are for TA = 25C and nominal supply voltage.
8. This parameter is periodically sampled and not 100% tested.
9. MI in the A.C. Timing diagram refers to the minimum incremental change in the W output due to a change in the wiper position.
Figure 5. A.C. Timing
90%
90%
10%
(store)
tR
tF
MI(3)
tIC
tCPH
tIW
RW
U/D
INC
CS
tCI
tDI
tID
tIL
tIH
tCYC


Similar Part No. - CAT5116LI

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5116LI-G CATALYST-CAT5116LI-G Datasheet
264Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5116LI-G ONSEMI-CAT5116LI-G Datasheet
593Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2118 Rev. M
CAT5116LI-G ONSEMI-CAT5116LI-G Datasheet
616Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2118 Rev. M
CAT5116LI-GT3 ONSEMI-CAT5116LI-GT3 Datasheet
616Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2118 Rev. M
logo
Catalyst Semiconductor
CAT5116LIMSOP CATALYST-CAT5116LIMSOP Datasheet
93Kb / 8P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
More results

Similar Description - CAT5116LI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5113LI-01 ONSEMI-CAT5113LI-01 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5113VI01 ONSEMI-CAT5113VI01 Datasheet
214Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5111 ONSEMI-CAT5111_13 Datasheet
205Kb / 14P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 20
CAT5113ZI10 ONSEMI-CAT5113ZI10 Datasheet
204Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5113V-10 ONSEMI-CAT5113V-10 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
CAT5112VI-10 ONSEMI-CAT5112VI-10 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 16
N57M5114 ONSEMI-N57M5114 Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer (POT)
August, 2016 ??Rev. P0
CAT5115 ONSEMI-CAT5115_13 Datasheet
200Kb / 12P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 11
CAT5126 ONSEMI-CAT5126_13 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com