Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C66LI-G Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT93C66LI-G
Description  4 kb Microwire Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C66LI-G Datasheet(HTML) 3 Page - ON Semiconductor

  CAT93C66LI-G Datasheet HTML 1Page - ON Semiconductor CAT93C66LI-G Datasheet HTML 2Page - ON Semiconductor CAT93C66LI-G Datasheet HTML 3Page - ON Semiconductor CAT93C66LI-G Datasheet HTML 4Page - ON Semiconductor CAT93C66LI-G Datasheet HTML 5Page - ON Semiconductor CAT93C66LI-G Datasheet HTML 6Page - ON Semiconductor CAT93C66LI-G Datasheet HTML 7Page - ON Semiconductor CAT93C66LI-G Datasheet HTML 8Page - ON Semiconductor CAT93C66LI-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CAT93C66, CAT93W66
http://onsemi.com
3
Table 5. D.C. OPERATING CHARACTERISTICS − NEW PRODUCT (REV H)
(VCC = +1.8 V to +5.5 V, TA=−40°C to +125°C unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Max
Units
ICC1
Supply Current (Write)
Write, VCC = 5.0 V
1
mA
ICC2
Supply Current (Read)
Read, DO open, fSK = 2 MHz, VCC = 5.0 V
500
mA
ISB1
Standby Current
(x8 Mode)
VIN = GND or VCC
CS = GND, ORG = GND
TA = −40°C to +85°C
2
mA
TA = −40°C to +125°C
5
ISB2
Standby Current
(x16 Mode)
VIN = GND or VCC
CS = GND,
ORG = Float or VCC
TA = −40°C to +85°C
1
mA
TA = −40°C to +125°C
3
ILI
Input Leakage Current
VIN = GND to VCC
TA = −40°C to +85°C
1
mA
TA = −40°C to +125°C
2
ILO
Output Leakage
Current
VOUT = GND to VCC
CS = GND
TA = −40°C to +85°C
1
mA
TA = −40°C to +125°C
2
VIL1
Input Low Voltage
4.5 V ≤ VCC < 5.5 V
−0.1
0.8
V
VIH1
Input High Voltage
4.5 V ≤ VCC < 5.5 V
2
VCC + 1
V
VIL2
Input Low Voltage
1.8 V ≤ VCC < 4.5 V
0
VCC x 0.2
V
VIH2
Input High Voltage
1.8 V ≤ VCC < 4.5 V
VCC x 0.7
VCC + 1
V
VOL1
Output Low Voltage
4.5 V ≤ VCC < 5.5 V, IOL = 3 mA
0.4
V
VOH1
Output High Voltage
4.5 V ≤ VCC < 5.5 V, IOH = −400 mA
2.4
V
VOL2
Output Low Voltage
1.8 V ≤ VCC < 4.5 V, IOL = 1 mA
0.2
V
VOH2
Output High Voltage
1.8 V ≤ VCC < 4.5 V, IOH = −100 mA
VCC − 0.2
V
Table 6. PIN CAPACITANCE (TA = 25°C, f = 1.0 MHz, VCC = +5.0 V)
Symbol
Test
Conditions
Min
Typ
Max
Units
COUT (Note 5)
Output Capacitance (DO)
VOUT = 0 V
5
pF
CIN (Note 5)
Input Capacitance (CS, SK, DI, ORG)
VIN = 0 V
5
pF
5. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
Table 7. POWER−UP TIMING (Notes 6, 7)
Symbol
Parameter
Max
Units
tPUR
Power−up to Read Operation
1
ms
tPUW
Power−up to Write Operation
1
ms
6. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate
AEC−Q100 and JEDEC test methods.
7. tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Table 8. A.C. TEST CONDITIONS
Input Rise and Fall Times
≤ 50 ns
Input Pulse Voltages
0.4 V to 2.4 V
4.5 V ≤ VCC ≤ 5.5 V
Timing Reference Voltages
0.8 V, 2.0 V
4.5 V ≤ VCC ≤ 5.5 V
Input Pulse Voltages
0.2 VCC to 0.7 VCC
1.8 V ≤ VCC ≤ 4.5 V
Timing Reference Voltages
0.5 VCC
1.8 V ≤ VCC ≤ 4.5 V
Output Load
Current Source IOLmax/IOHmax; CL = 100 pF


Similar Part No. - CAT93C66LI-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C66LI-G ONSEMI-CAT93C66LI-G Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66LI-G ONSEMI-CAT93C66LI-G Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM Self?뭪imed Write Cycle with Auto?뭖lear
April, 2012 ??Rev. 11
CAT93C66LI-G ONSEMI-CAT93C66LI-G Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66LI-G ONSEMI-CAT93C66LI-G Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66LI-G ONSEMI-CAT93C66LI-G Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
More results

Similar Description - CAT93C66LI-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
CAT93C6612KI-28TE13 ONSEMI-CAT93C6612KI-28TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
N93C66 ONSEMI-N93C66 Datasheet
82Kb / 9P
   4 Kb Microwire Serial CMOS EEPROM
October, 2017 ??Rev. 0
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAT93C56 ONSEMI-CAT93C56 Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com