Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28F010L90 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT28F010L90
Description  1 Megabit CMOS Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28F010L90 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT28F010L90 Datasheet HTML 4Page - ON Semiconductor CAT28F010L90 Datasheet HTML 5Page - ON Semiconductor CAT28F010L90 Datasheet HTML 6Page - ON Semiconductor CAT28F010L90 Datasheet HTML 7Page - ON Semiconductor CAT28F010L90 Datasheet HTML 8Page - ON Semiconductor CAT28F010L90 Datasheet HTML 9Page - ON Semiconductor CAT28F010L90 Datasheet HTML 10Page - ON Semiconductor CAT28F010L90 Datasheet HTML 11Page - ON Semiconductor CAT28F010L90 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CAT28F010
8
Doc. No. MD-1019, Rev. G
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
READ OPERATIONS
Read Mode
A Read operation is performed with both CE and OE low
and with WE high. VPP can be either high or low,
however, if VPP is high, the Set READ command has to
be sent before reading data (see Write Operations). The
data retrieved from the I/O pins reflects the contents of
the memory location corresponding to the state of the 17
address pins. The respective timing waveforms for the
read operation are shown in Figure 3. Refer to the AC
Read characteristics for specific timing parameters.
Signature Mode
The signature mode allows the user to identify the IC
manufacturer and the type of device while the device
resides in the target system. This mode can be activated
in either of two ways; through the conventional method
of applying a high voltage (12V) to address pin A9 or by
sending an instruction to the command register (see
Write Operations).
The conventional mode is entered as a regular READ
mode by driving the CE and OE pins low (with WE high),
and applying the required high voltage on address pin A9
while all other address lines are held at VIL.
A Read cycle from address 0000H retrieves the binary
code for the IC manufacturer on outputs I/O0 to I/O7:
CATALYST Code = 00110001 (31H)
A Read cycle from address 0001H retrieves the binary
code for the device on outputs I/O0 to I/O7.
28F010 Code = 1011 0100 (B4H)
Standby Mode
With CE at a logic-high level, the CAT28F010 is placed
in a standby mode where most of the device circuitry is
disabled, thereby substantially reducing power con-
sumption. The outputs are placed in a high-impedance
state.
Figure 3. A.C. Timing for Read Operation
28F010 F05
tEHQZt(DF)
ADDRESSES
CE (E)
OE (G)
WE (W)
DATA (I/O)
HIGH-Z
POWER UP
STANDBY
DEVICE AND
ADDRESS SELECTION
OUPUTS
ENABLED
DATA VALID
STANDBY
ADDRESS STABLE
OUTPUT VALID
tAVQV (tACC)
tELQX (tLZ)
tGLQX (tOLZ)
tGLQV (tOE)
tELQV (tCE)
tAXQXt(OH)
tGHQZ (tDF)
tAVAV (tRC)
POWER DOWN
HIGH-Z
tWHGL


Similar Part No. - CAT28F010L90

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F010L-12T CATALYST-CAT28F010L-12T Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
CAT28F010L-90T CATALYST-CAT28F010L-90T Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
CAT28F010LA-12T CATALYST-CAT28F010LA-12T Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
CAT28F010LA-90T CATALYST-CAT28F010LA-90T Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010LA12 ONSEMI-CAT28F010LA12 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results

Similar Description - CAT28F010L90

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010N-15 ONSEMI-CAT28F010N-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F010 CATALYST-CAT28F010_04 Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com