Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAFS-05V-S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PAFS-05V-S
Description  2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PAFS-05V-S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PAFS-05V-S Datasheet HTML 1Page - List of Unclassifed Manufacturers PAFS-05V-S Datasheet HTML 2Page - List of Unclassifed Manufacturers PAFS-05V-S Datasheet HTML 3Page - List of Unclassifed Manufacturers PAFS-05V-S Datasheet HTML 4Page - List of Unclassifed Manufacturers PAFS-05V-S Datasheet HTML 5Page - List of Unclassifed Manufacturers PAFS-05V-S Datasheet HTML 6Page - List of Unclassifed Manufacturers PAFS-05V-S Datasheet HTML 7Page - List of Unclassifed Manufacturers PAFS-05V-S Datasheet HTML 8Page - List of Unclassifed Manufacturers PAFS-05V-S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ラジアル
PA FAMILYSERIES/PA•PAF•PALCONNECTOR
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
406
PA
Shorouded header
(Top entry type)
Retainer
Retainer
Retainer
PAF
Receptacle
(IDC style)
PAL
(Crimp style Wire-to-wire)
PAF Receptacle
(IDC style)
Retainer
PA Receptacle
(Crimp style
  Retainer
   mountable type)
PA Receptacle
(Crimp style
Standard type)
PA
Shorouded header
(Side entry type)
PA
Shorouded header
(Top entry type)
Based upon wire-to-board crimp style PA
connectors, the PA series family of
connector have been expanded to meet the
requirement of complex wire harness of
2.0mm pitch connectors with secure
locking mechanism thanks to the
additional line up of wire-to-board IDC style
PAF connectors and wire-to-wire crimp
style PAL connectors.
• Secure locking device
• Interchangeable between crimp and
IDC socket
• Secondary retainers
• Harness variation
PA connector
(Standard type, Retainer mountable type)
• Highly reliable contact
• Insertion guide mechanism
• Flanged press pin
PAF connector
• The industry’s first secure lock ID connectors
• Metallic strain relief
• Retainer with four locking points
PAL connector
• The industry’s first wire to wire 2.0mm pitch
retainer mountable type connector.
• Either with or without panel lock can be
selected according to application.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
Specifications –––––––––––––––––––
PA Connector (Standard type)
• Current rating:
3A AC, DC (AWG #22)
• Voltage rating:
250V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying electrical current)
• Contact resistance: Initial value/10m Ω max.
After environmental testing/20m Ω max.
• Insulation resistance:
Initial/1,000M Ω min.
• Withstanding voltage:
800V AC/minute
• Applicable wire: AWG #28 to #22
• Applicable PC board thickness: 1.6mm
PA Connector (Retainer mountable type)
• Current rating:
3A AC, DC (AWG #22)
• Voltage rating:
100V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying electrical current)
• Contact resistance: Initial value/15m Ω max.
After environmental testing/25m Ω max.
• Insulation resistance:
Initial/1,000M Ω min.
• Withstanding voltage:
800V AC/minute
• Applicable wire: AWG #28 to #22
PAF Connector
• Current rating:
1.0A AC, DC (AWG #26)
• Voltage rating:
100V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying electrical current)
• Contact resistance: Initial value/15m Ω max.
After environmental testing/25m Ω max.
• Insulation resistance:
Initial/1,000M Ω min.
• Withstanding voltage:
800V AC/minute
• Applicable wire: UL1061(Contact JST for details regarding other UL wires.)
AWG #26
Conductor/7 strands, tin-coated annealed copper
Insulation O.D./0.9 to 1.0mm
PAL Connector
• Current rating:
3A AC, DC (AWG #22)
• Voltage rating:
100V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying electrical current)
• Contact resistance: Initial value/15m Ω max.
After environmental testing/25m Ω max.
• Insulation resistance:
Initial/1,000M Ω min.
• Withstanding voltage:
800V AC/minute
• Applicable wire: AWG #28 to #22
• Applicable panel thickness : 0.5 to 2.0mm
* RoHS compliant products are published.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.


Similar Part No. - PAFS-05V-S

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
PAFS-05V-S JST-PAFS-05V-S Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
More results

Similar Description - PAFS-05V-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PALR-08VF ETC2-PALR-08VF Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
PA-SERIES JST-PA-SERIES Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
List of Unclassifed Man...
B02B-PASK-1LFSN ETC2-B02B-PASK-1LFSN Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-02V-S ETC1-PAP-02V-S Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B06B-PASK ETC2-B06B-PASK Datasheet
311Kb / 15P
   PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
XAF JST-XAF Datasheet
73Kb / 3P
   2.5 mm pitch/Wire-to-board (IDC disconnectable style)/Wire-to-wire (IDC disconnectable style)
JWPF JST-JWPF Datasheet
83Kb / 2P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
PNIRR-04VF ETC2-PNIRR-04VF Datasheet
102Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com