Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1026 Datasheet(PDF) 47 Page - ON Semiconductor

Part # ADM1026
Description  Complete Thermal System Management Controller
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026 Datasheet(HTML) 47 Page - ON Semiconductor

Back Button ADM1026 Datasheet HTML 43Page - ON Semiconductor ADM1026 Datasheet HTML 44Page - ON Semiconductor ADM1026 Datasheet HTML 45Page - ON Semiconductor ADM1026 Datasheet HTML 46Page - ON Semiconductor ADM1026 Datasheet HTML 47Page - ON Semiconductor ADM1026 Datasheet HTML 48Page - ON Semiconductor ADM1026 Datasheet HTML 49Page - ON Semiconductor ADM1026 Datasheet HTML 50Page - ON Semiconductor ADM1026 Datasheet HTML 51Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
ADM1026
http://onsemi.com
47
Table 51. REGISTER 25H, STATUS REGISTER 6 (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
(Note 1)
Description
0
GPIO8 Status = 0
R
R/W
When GPIO8 is configured as an input, this bit is set when GPIO8 is asserted.
(Asserted may be active high or active low depending on setting of Bit 1 in GPIO
Configuration Register 3.)
When GPIO8 is configured as an output, setting this bit asserts GPIO8. (Asserted
may be active high or active low depending on setting of Bit 1 in GPIO Configuration
Register 3.)
1
GPIO9 Status = 0
R
R/W
When GPIO9 is configured as an input, this bit is set when GPIO9 is asserted.
(Asserted may be active high or active low depending on setting of Bit 3 in GPIO
Configuration Register 3.)
When GPIO9 is configured as an output, setting this bit asserts GPIO9. (Asserted
may be active high or active low depending on setting of Bit 3 in GPIO Configuration
Register 3.)
2
GPIO10 Status = 0
R
R/W
When GPIO10 is configured as an input, this bit is set when GPIO10 is asserted.
(Asserted may be active high or active low depending on setting of Bit 5 in GPIO
Configuration Register 3.)
When GPIO10 is configured as an output, setting this bit asserts GPIO10. (Asserted
may be active high or active low depending on setting of Bit 5 in GPIO Configuration
Register 3.)
3
GPIO11 Status = 0
R
R/W
When GPIO11 is configured as an input, this bit is set when GPIO11 is asserted.
(Asserted may be active high or active low depending on setting of Bit 7 in GPIO
Configuration Register 3.)
When GPIO11 is configured as an output, setting this bit asserts GPIO11. (Asserted
may be active high or active low depending on setting of Bit 7 in GPIO Configuration
Register 3.)
4
GPIO12 Status = 0
R
R/W
When GPIO12 is configured as an input, this bit is set when GPIO12 is asserted.
(Asserted may be active high or active low depending on setting of Bit 1 in GPIO
Configuration Register 4.)
When GPIO12 is configured as an output, setting this bit asserts GPIO12. (Asserted
may be active high or active low depending on setting of Bit 1 in GPIO Configuration
Register 4.)
5
GPIO13 Status = 0
R
R/W
When GPIO13 is configured as an input , this bit is set when GPIO13 is asserted.
(Asserted may be active high or active low depending on setting of Bit 3 in GPIO
Configuration Register 4.)
When GPIO13 is configured as an output, setting this bit asserts GPIO13. (Asserted
may be active high or active low depending on setting of Bit 3 in GPIO Configuration
Register 4.)
6
GPIO14 Status = 0
R
R/W
When GPIO14 is configured as an input , this bit is set when GPIO14 is asserted.
(Asserted may be active high or active low depending on setting of Bit 5 in GPIO
Configuration Register 4.)
When GPIO14 is configured as an output, setting this bit asserts GPIO14. (Asserted
may be active high or active low depending on setting of Bit 5 in GPIO Configuration
Register 4.)
7
GPIO15 Status = 0
R
R/W
When GPIO15 is configured as an input, this bit is set when GPIO15 is asserted.
(Asserted may be active high or active low depending on setting of Bit 7 in GPIO
Configuration Register 4.)
When GPIO15 is configured as an output, setting this bit asserts GPIO15. (Asserted
may be active high or active low depending on setting of Bit 7 in GPIO Configuration
Register 4.)
1. GPIO status bits can be written only when a GPIO pin is configured as output. Read-only otherwise.
Table 52. REGISTER 26H, VBAT MEASURED VALUE (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
7–0
VBAT Value
R
This register contains the measured value of the VBAT analog input channel.
Table 53. REGISTER 27H, AIN8 MEASURED VALUE (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
7–0
AIN8 Value
R
This register contains the measured value of the AIN8 analog input channel.


Similar Part No. - ADM1026

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1026 AD-ADM1026 Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
ON Semiconductor
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
Analog Devices
ADM1026JST AD-ADM1026JST Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
ON Semiconductor
ADM1026JST ONSEMI-ADM1026JST Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
Analog Devices
ADM1026JST-REEL AD-ADM1026JST-REEL Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
More results

Similar Description - ADM1026

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
Analog Devices
ADM1026 AD-ADM1026 Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
National Semiconductor ...
PC87782 NSC-PC87782 Datasheet
123Kb / 17P
   CompactRISC Intelligent System Management Controller
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99001-Q1 TI-TPS99001-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS99001-Q1 System Management Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
   Color Management System Feedback Controller
logo
List of Unclassifed Man...
PLW114050 ETC2-PLW114050 Datasheet
260Kb / 3P
   Thermal Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com