Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1026JSTZ-R7 Datasheet(PDF) 24 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 20Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 21Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 22Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 23Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 24Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 25Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 26Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 27Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
ADM1026
http://onsemi.com
24
Figure 44. Fan with Tach Pullup to Voltage > VCC
(e.g. 12 V), Clamped with Zener Diode
12 V
FAN SPEED
COUNTER
FAN(0–7)
PULLUP
4.7k
TYP
VCC
* CHOOSE ZD1 VOLTAGE APPROXIMATELY 0.8 x VCC
If the fan has a strong pullup (less than 1 k
W) to +12 V, or
a totem pole output, a series resistor can be added to limit the
Zener current, as shown in Figure 45. Alternatively, a
resistive attenuator may be used, as shown in Figure 47.
R1 and R2 should be chosen such that:
(eq. 15)
2.0 V t VPULLUP
R2
RPULLUP ) R1 ) R2
t 3.3 V STBY
Figure 45. Fan with Strong Tach Pullup to >VCC or
Totem Pole Output, Attenuated with R1/R2
12 V
FAN SPEED
COUNTER
FAN(0–7)
PULLUP TYP
<1 k
VCC
* CHOOSE ZD1 VOLTAGE APPROXIMATELY 0.8 x VCC
Figure 46. Fan with Strong Tach Pullup to > VCC or
Totem Pole Output, Clamped with Zener and Resistor
12 V
FAN SPEED
COUNTER
FAN(0–7)
<1 k
TACH
OUTPUT
VCC
R1*
* SEE TEXT
Fan Speed Measurement
The fan counter does not count the fan tach output pulses
directly because the fan speed may be less than 1000 RPM
and it would take several seconds to accumulate a
reasonably large and accurate count. Instead, the period of
the fan revolution is measured by gating an on-chip
22.5 kHz oscillator into the input of an 8-bit counter for two
periods of the fan tach output, as shown in Figure 47, so the
accumulated count is actually proportional to the fan tach
period and inversely proportional to the fan speed.
Figure 47. Fan Speed Measurement
22.5kHz
CLOCK
CONFIGURATION
REG. 1 BIT 0
FAN0
INPUT
FAN0
MEASUREMENT
PERIOD
FAN1
MEASUREMENT
PERIOD
START OF
MONITORING
CYCLE
1
2
34
12
3
4
The monitoring cycle begins when a 1 is written to the
monitor bit (Bit 0 of Configuration Register 1). The
INT_Enable (Bit 1) should be set to 1 to enable the INT
output.
The fan speed counter starts counting as soon as the fan
channel has been switched to. If the fan tach count reaches
0xFF, the fan has failed or is not connected. If a fan is
connected and running, the counter is reset on the second
tach rising edge, and oscillator pulses are actually counted
from the second rising tach edge to the fourth rising edge.
The measurement then switches to the next fan channel.
Here again, the counter begins counting and is reset on the
second tach rising edge, and oscillator pulses are counted
from the second rising edge to the fourth rising edge. This
is repeated for the other six fan channels.
Note that fan speed measurement does not occur until
1.8 seconds after the monitor bit has been set. This is to
allow the fans adequate time to spin up. Otherwise, the
ADM1026 could generate false fan failure interrupts.
During the 1.8 second fan spin-up time, all fan tach registers
read 0x00.
To accommodate fans of different speed and/or different
numbers of output pulses per revolution, a prescaler
(divisor) of 1, 2, 4, or 8 may be added before the counter.
Divisor values for Fans 0 to 3 are contained in the Fan 0–3
divisor register (Address 02h) and those for Fans 4 to 7 in the
Fan 4–7 divisor register (Address 03h). The default value
is 2, which gives a count of 153 for a fan running at
4400 RPM producing two output pulses per revolution. The
count is calculated by the equation:
(eq. 16)
Count + 22.5
103
60
RPM
Divisor
For constant-speed fans, fan failure is typically
considered to have occurred when the speed drops below
70% of nominal, corresponding to a count of 219. Full scale
(255) is reached if the fan speed fell to 60% of its nominal
value. For temperature-controlled, variable-speed fans, the
situation is different.


Similar Part No. - ADM1026JSTZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1026JSTZ-REEL AD-ADM1026JSTZ-REEL Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
ON Semiconductor
ADM1026JSTZ-REEL ONSEMI-ADM1026JSTZ-REEL Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
ADM1026JSTZ-REEL7 ONSEMI-ADM1026JSTZ-REEL7 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
More results

Similar Description - ADM1026JSTZ-R7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
Analog Devices
ADM1026 AD-ADM1026 Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
National Semiconductor ...
PC87782 NSC-PC87782 Datasheet
123Kb / 17P
   CompactRISC Intelligent System Management Controller
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99001-Q1 TI-TPS99001-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS99001-Q1 System Management Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
   Color Management System Feedback Controller
logo
List of Unclassifed Man...
PLW114050 ETC2-PLW114050 Datasheet
260Kb / 3P
   Thermal Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com