Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1026JSTZ-R7 Datasheet(PDF) 6 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 2Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 3Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 4Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 5Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 6Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 7Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 8Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 9Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
ADM1026
http://onsemi.com
6
Table 4. ELECTRICAL CHARACTERISTICS (TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted. (Note 1, 2, and 3))
Parameter
Unit
Max
Typ
Min
Test Conditions/Comments
FAN RPM-TO-DIGITAL CONVERTER (Note 6)
Accuracy
12
%
Full-scale Count
255
FAN0 to FAN7 Nominal Input RPM (Note 5)
Divisor = 1, fan count = 153
Divisor = 2, fan count = 153
Divisor = 4, fan count = 153
Divisor = 8, fan count = 153
8800
4400
2200
1100
RPM
Internal Clock Frequency
20
22.5
25
kHz
OPEN DRAIN O/Ps, PWM, GPIO0 to 16
Output High Voltage, VOH
IOUT = 3.0 mA, VCC = 3.3 V
2.4
V
High Level Output Leakage Current, IOH
VOUT = VCC
0.1
1.0
mA
Output Low Voltage, VOL
IOUT = −3.0 mA, VCC = 3.3 V
0.4
V
PWM Output Frequency
75
Hz
DIGITAL OUTPUTS (INT, RESETMAIN, RESETSTBY)
Output Low Voltage, VOL
IOUT = −3.0 mA, VCC = 3.3 V
0.4
V
RESET Pulse Width
140
180
240
ms
OPEN DRAIN SERIAL DATABUS OUTPUT (SDA)
Output Low Voltage, VOL
IOUT = –3.0 mA, VCC = 3.3 V
0.4
V
High Level Output Leakage Current, IOH
VOUT = VCC
0.1
1.0
mA
SERIAL BUS DIGITAL INPUTS (SCL, SDA)
Input High Voltage, VIH
2.2
V
Input Low Voltage, VIL
0.8
V
Hysteresis
500
mV
DIGITAL INPUT LOGIC LEVELS (ADD, CI, FAN 0 to 7, GPIO 0 to 16) (Note 7 and 8)
Input High Voltage, VIH
VCC = 3.3 V
2.4
V
Input Low Voltage, VIL
VCC = 3.3 V
0.8
V
Hysteresis (Fan 0 to 7)
VCC = 3.3 V
250
mV
RESETMAIN, RESETSTBY
RESETMAIN Threshold
Falling Voltage
2.89
2.94
2.97
V
RESETSTBY Threshold
Falling Voltage
3.01
3.05
3.10
V
RESETMAIN Hysteresis
60
mV
RESETSTBY Hysteresis
70
mV
DIGITAL INPUT CURRENT
Input High Current, IIH
VIN = VCC
–1.0
mA
Input Low Current, IIL
VIN = 0
1.0
mA
Input Capacitance, CIN
20
pF
EEPROM RELIABILITY
Endurance (Note 9)
100
700
kcycles
Data Retention (Note 10)
10
Years
SERIAL BUS TIMING
Clock Frequency, fSCLK
See Figure 2 for All Parameters.
400
kHz
Glitch Immunity, tSW
50
ns
Bus Free Time, tBUF
4.7
ms
Start Setup Time, tSU; STA
4.7
ms


Similar Part No. - ADM1026JSTZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1026JSTZ-REEL AD-ADM1026JSTZ-REEL Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
ON Semiconductor
ADM1026JSTZ-REEL ONSEMI-ADM1026JSTZ-REEL Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
ADM1026JSTZ-REEL7 ONSEMI-ADM1026JSTZ-REEL7 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
More results

Similar Description - ADM1026JSTZ-R7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
Analog Devices
ADM1026 AD-ADM1026 Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
National Semiconductor ...
PC87782 NSC-PC87782 Datasheet
123Kb / 17P
   CompactRISC Intelligent System Management Controller
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99001-Q1 TI-TPS99001-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS99001-Q1 System Management Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
   Color Management System Feedback Controller
logo
List of Unclassifed Man...
PLW114050 ETC2-PLW114050 Datasheet
260Kb / 3P
   Thermal Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com