Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCP68-25 Datasheet(PDF) 18 Page - NXP Semiconductors

Part No. BCP68-25
Description  20 V, 2 A NPN medium power transistors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCP68-25 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button BCP68-25 Datasheet HTML 14Page - NXP Semiconductors BCP68-25 Datasheet HTML 15Page - NXP Semiconductors BCP68-25 Datasheet HTML 16Page - NXP Semiconductors BCP68-25 Datasheet HTML 17Page - NXP Semiconductors BCP68-25 Datasheet HTML 18Page - NXP Semiconductors BCP68-25 Datasheet HTML 19Page - NXP Semiconductors BCP68-25 Datasheet HTML 20Page - NXP Semiconductors BCP68-25 Datasheet HTML 21Page - NXP Semiconductors BCP68-25 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
BCP68_BC868_BC68PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 18 October 2011
18 of 23
NXP Semiconductors
BCP68; BC868; BC68PA
20 V, 2 A NPN medium power transistors
Fig 24. Reflow soldering footprint SOT89 (SC-62/TO-243)
Fig 25. Wave soldering footprint SOT89 (SC-62/TO-243)
solder lands
solder resist
occupied area
solder paste
sot089_fr
1.2
1.9
2
2.25
4.75
1
(3
×)
0.7
(3
×)
0.6
(3
×)
1.1
(2
×)
1.2
0.85
0.2
0.5
1.7
4.85
3.95
4.6
1.5
1.5
Dimensions in mm
solder lands
solder resist
occupied area
preferred transport direction during soldering
sot089_fw
0.7
5.3
6.6
2.4
3.5
0.5
1.8
(2
×)
1.5
(2
×)
7.6
1.9
1.9
Dimensions in mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn