Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4394 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AKD4394
Description  EVALUATION BOARD REV.C FOR AK4394
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4394 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AKD4394 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4394 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4394 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4394 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4394 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4394 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4394 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4394 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4394 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ASAHI KASEI
[AKD4394]
<KM063001>
6
’00/05
< AK4394 Measurement Example
Conditions:
AVDD =DVDD= 5.0V
Interface = DIR (44.1kHz, 96kHz)
MCLK = 256fs(fs=44.1kHz, 96kHz)
BICK = 64fs
fs = 44.1kHz, 96kHz,
Input data = 24bit
Measurement unit: Audio Precision System Two Cascade (fs=44.1kHz, 96kHz)
(AKD4394 Rev.C: differential output)
fs
Result
THD+N
100.3
20kLPF
DR
120.1
22kLPF + A-weighted
44.1kHz
S/N
120.2
22kLPF + A-weighted
THD+N
99.6
40kLPF
DR
119.2
80kLPF + A-weighted
96kHz
S/N
119.8
80kLPF + A-weighted
Plot:
FFT Point: 16384
Window: Equiripple
Averages: 4


Similar Part No. - AKD4394

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4394 AKM-AKD4394 Datasheet
299Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AKD4394 AKM-AKD4394 Datasheet
531Kb / 32P
   192kHz sampling 24Bit ?誇 DAC.
AKD4394 AKM-AKD4394_07 Datasheet
531Kb / 32P
   192kHz sampling 24Bit ?誇 DAC.
More results

Similar Description - AKD4394

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4395 AKM-AKD4395 Datasheet
412Kb / 25P
   EVALUATION BOARD REV.C FOR AK4395
AKD4550 AKM-AKD4550 Datasheet
845Kb / 22P
   EVALUATION BOARD REV.C FOR AK4550
AKD4528 AKM-AKD4528 Datasheet
302Kb / 38P
   EVALUATION BOARD FOR AK4528 REV.C
AKD4551 AKM-AKD4551 Datasheet
110Kb / 17P
   EVALUATION BOARD REV.C FOR AK4551
AKD4588 AKM-AKD4588 Datasheet
587Kb / 46P
   Evaluation board Rev.C for AK4588
AKD4393 AKM-AKD4393 Datasheet
399Kb / 21P
   EVALUATION BOARD REV.C FOR AK4393
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
   Evaluation Board for STR72xF
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
   Evaluation Board for CS3318
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com