Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61082-20400LF Datasheet(PDF) 2 Page - FCI connector

Part # 61082-20400LF
Description  BERGSTAK 0.8MM RECEPTACLE ASSY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

61082-20400LF Datasheet(HTML) 2 Page - FCI connector

  61082-20400LF Datasheet HTML 1Page - FCI connector 61082-20400LF Datasheet HTML 2Page - FCI connector 61082-20400LF Datasheet HTML 3Page - FCI connector 61082-20400LF Datasheet HTML 4Page - FCI connector 61082-20400LF Datasheet HTML 5Page - FCI connector 61082-20400LF Datasheet HTML 6Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PDM: Rev:AA
Released
.
STATUS:
Printed: Dec 01, 2010


Similar Part No. - 61082-20400LF

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
61082-20-1-4-0-0-LF AMPHENOL-61082-20-1-4-0-0-LF Datasheet
506Kb / 4P
   BergStak® 0.8mm Mezzanine Connector FLEXIBLE SOLUTION FOR HIGH DENSITY APPLICATIONS
61082-20-1-4-0-2-LF AMPHENOL-61082-20-1-4-0-2-LF Datasheet
506Kb / 4P
   BergStak® 0.8mm Mezzanine Connector FLEXIBLE SOLUTION FOR HIGH DENSITY APPLICATIONS
61082-20-1-4-0-6-LF AMPHENOL-61082-20-1-4-0-6-LF Datasheet
506Kb / 4P
   BergStak® 0.8mm Mezzanine Connector FLEXIBLE SOLUTION FOR HIGH DENSITY APPLICATIONS
61082-20-1-4-0-9-LF AMPHENOL-61082-20-1-4-0-9-LF Datasheet
506Kb / 4P
   BergStak® 0.8mm Mezzanine Connector FLEXIBLE SOLUTION FOR HIGH DENSITY APPLICATIONS
61082-20-1-5-0-0-LF AMPHENOL-61082-20-1-5-0-0-LF Datasheet
506Kb / 4P
   BergStak® 0.8mm Mezzanine Connector FLEXIBLE SOLUTION FOR HIGH DENSITY APPLICATIONS
More results

Similar Description - 61082-20400LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
61082-101602LF FCI-CONNECTOR-61082-101602LF Datasheet
473Kb / 6P
   BERGSTAK 0.8MM RECEPTACLE ASSY
61083-104402LF FCI-CONNECTOR-61083-104402LF Datasheet
456Kb / 6P
   BERGSTAK 0.8mm BTB PLUG ASSY
61083-042400LF FCI-CONNECTOR-61083-042400LF Datasheet
456Kb / 6P
   BERGSTAK 0.8mm BTB PLUG ASSY
61082-101400LF FCI-CONNECTOR-61082-101400LF Datasheet
473Kb / 6P
   BERGSTAK 0.8MM
61082-083402LF FCI-CONNECTOR-61082-083402LF Datasheet
473Kb / 6P
   BERGSTAK 0.8MM
61083-084409LF FCI-CONNECTOR-61083-084409LF Datasheet
456Kb / 6P
   BERGSTAK 0.8mm BTB
61083-122402LF FCI-CONNECTOR-61083-122402LF Datasheet
456Kb / 6P
   BERGSTAK 0.8mm BTB
61082 FCI-CONNECTOR-61082 Datasheet
473Kb / 6P
   BERCSTAK 0.8MM RECEPTACLE ASSY
logo
Amphenol Communications...
10164227 AMPHENOLCS-10164227 Datasheet
1Mb / 6P
   RECEPTACLE BERGSTAK 0.4MM BTB
Rev. B
logo
Tyco Electronics
390322-1 MACOM-390322-1 Datasheet
163Kb / 2P
   S.O.DIMM SOCKET ASSY, 0.8mm PITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com