Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR14003YQDDCT Datasheet(PDF) 11 Page - Texas Instruments

Part # LMR14003YQDDCT
Description  SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14003YQDDCT Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMR14003YQDDCT Datasheet HTML 7Page - Texas Instruments LMR14003YQDDCT Datasheet HTML 8Page - Texas Instruments LMR14003YQDDCT Datasheet HTML 9Page - Texas Instruments LMR14003YQDDCT Datasheet HTML 10Page - Texas Instruments LMR14003YQDDCT Datasheet HTML 11Page - Texas Instruments LMR14003YQDDCT Datasheet HTML 12Page - Texas Instruments LMR14003YQDDCT Datasheet HTML 13Page - Texas Instruments LMR14003YQDDCT Datasheet HTML 14Page - Texas Instruments LMR14003YQDDCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
_
_

o
ripple
ESR
L
ripple
V
R
I
_
_
1
1
8

K
K
out
o
ripple
L
ripple
C
V
fsw
I
2
2
2
2
(
)
(
)

K
out
o
Ioh
Iol
C
L
Vf
Vi
2 K 

K 
out
out
out
I
C
fsw
V
LMR14003, LMR14006
www.ti.com
SNVSA10 – NOVEMBER 2013
Output Capacitor
The selection of COUT is mainly driven by three primary considerations. The output capacitor will determine the
modulator pole, the output voltage ripple, and how the regulator responds to a large change in load current. The
output capacitance needs to be selected based on the most stringent of these three criteria.
The desired response to a large change in the load current is the first criteria. The regulator usually needs two or
more clock cycles for the control loop to see the change in load current and output voltage and adjust the duty
cycle to react to the change. The output capacitance must be large enough to supply the difference in current for
2 clock cycles while only allowing a tolerable amount of droop in the output voltage. Equation 5 shows the
minimum output capacitance necessary to accomplish this. For this example, the transient load response is
specified as a 3% change in VOUT for a load step from 0.03A to 0.6A (full load). For this example, ΔIOUT = 0.6 -
0.03 = 0.57A and
ΔVOUT = 0.03 × 5 = 0.15V. Using these numbers gives a minimum capacitance of 3.6µF. For
ceramic capacitors, the ESR is usually small enough to ignore in this calculation. Aluminum electrolytic and
tantalum capacitors have higher ESR that should be taken into account.
The stored energy in the inductor will produce an output voltage overshoot when the load current rapidly
decreases. The output capacitor must also be sized to absorb energy stored in the inductor when transitioning
from a high load current to a lower load current. Equation 6 is used to calculate the minimum capacitance to
keep the output voltage overshoot to a desired value. Where L is the value of the inductor, IOH is the output
current under heavy load, IOL is the output under light load, Vf is the final peak output voltage, and Vi is the initial
capacitor voltage. For this example, the worst case load step will be from 0.6A to 0.03A. The output voltage will
increase during this load transition and the stated maximum in our specification is 3% of the output voltage. This
will make Vo_overshoot = 1.03 × 5 = 5.15V. Vi is the initial capacitor voltage which is the nominal output voltage
of 5V. Using these numbers in Equation 6 yields a minimum capacitance of 2.36µF.
Equation 7 calculates the minimum output capacitance needed to meet the output voltage ripple specification.
Where fsw is the switching frequency, Vo_ripple is the maximum allowable output voltage ripple, and IL_ripple is
the inductor ripple current. Equation 7 yields 0.21µF.
Equation 8 calculates the maximum ESR an output capacitor can have to meet the output voltage ripple
specification. Equation 8 indicates the ESR should be less than 277m
Ω.
Additional capacitance de-ratings for aging, temperature and dc bias should be factored in which will increase
this minimum value. For this example, 10µF ceramic capacitors will be used. Capacitors in the range of 4.7µF-
100µF are a good starting point with an ESR of 0.1
Ω or less.
(5)
(6)
(7)
(8)
Schottky Diode
The breakdown voltage rating of the diode is preferred to be 25% higher than the maximum input voltage. The
current rating for the diode should be equal to the maximum output current for best reliability in most
applications. In cases where the input voltage is much greater than the output voltage the average diode current
is lower. In this case it is possible to use a diode with a lower average current rating, approximately (1-D) × IOUT
however the peak current rating should be higher than the maximum load current. A 0.5A to 1A rated diode is a
good starting point.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMR14003 LMR14006


Similar Part No. - LMR14003YQDDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14006 TI1-LMR14006 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006XDDCR TI1-LMR14006XDDCR Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006XDDCT TI1-LMR14006XDDCT Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006YDDCR TI1-LMR14006YDDCR Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006YDDCT TI1-LMR14006YDDCT Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
More results

Similar Description - LMR14003YQDDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14006 TI1-LMR14006 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR14006 TI-LMR14006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR14006 SIMPLE SWITCHER짰 40 V 600 mA Buck Regulator With High Efficiency Sleep Mode
LMR16006 TI-LMR16006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
   600mA High Efficiency Synchronous Buck with 350mA LDO
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com