Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD19532Q5B Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19532Q5B
Description  100 V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19532Q5B Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD19532Q5B Datasheet HTML 2Page - Texas Instruments CSD19532Q5B Datasheet HTML 3Page - Texas Instruments CSD19532Q5B Datasheet HTML 4Page - Texas Instruments CSD19532Q5B Datasheet HTML 5Page - Texas Instruments CSD19532Q5B Datasheet HTML 6Page - Texas Instruments CSD19532Q5B Datasheet HTML 7Page - Texas Instruments CSD19532Q5B Datasheet HTML 8Page - Texas Instruments CSD19532Q5B Datasheet HTML 9Page - Texas Instruments CSD19532Q5B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Top View
c1
E1
Side View
Bottom View
Front View
L
K
H
CSD19532Q5B
SLPS414 – DECEMBER 2013
www.ti.com
MECHANICAL DATA
Q5B Package Dimensions
MILLIMETERS
DIM
MIN
NOM
MAX
A
0.80
1.00
1.05
b
0.36
0.41
0.46
c
0.15
0.20
0.25
c1
0.15
0.20
0.25
c2
0.20
0.25
0.30
D1
4.90
5.00
5.10
D2
4.12
4.22
4.32
d
0.20
0.25
0.30
E
4.90
5.00
5.10
E1
5.90
6.00
6.10
E2
3.48
3.58
3.68
e
1.27 TYP
H
0.360
0.460
0.560
L
0.46
0.56
0.66
θ
K
1.40 TYP
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: CSD19532Q5B


Similar Part No. - CSD19532Q5B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET??Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
841Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19532Q5BT TI1-CSD19532Q5BT Datasheet
841Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B_16 Datasheet
841Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD19532Q5B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET??Power MOSFET
CSD19538Q3A TI1-CSD19538Q3A Datasheet
348Kb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD19536KCS TI1-CSD19536KCS Datasheet
467Kb / 10P
[Old version datasheet]   CSD19536KCS, 100 V N-Channel NexFET Power MOSFET
CSD19536KTT TI-CSD19536KTT_15 Datasheet
852Kb / 14P
[Old version datasheet]   CSD19536KTT 100 V N-Channel NexFET Power MOSFET
CSD19537Q3 TI-CSD19537Q3_15 Datasheet
478Kb / 13P
[Old version datasheet]   CSD19537Q3 100 V N-Channel NexFET Power MOSFET
CSD19534KCS TI-CSD19534KCS_15 Datasheet
300Kb / 12P
[Old version datasheet]   CSD19534KCS 100 V N-Channel NexFET Power MOSFET
CSD19535KCS TI1-CSD19535KCS Datasheet
804Kb / 10P
[Old version datasheet]   CSD19535KCS, 100 V N-Channel NexFET Power MOSFET
CSD19533Q5A TI1-CSD19533Q5A Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFETs
CSD19533KCS TI1-CSD19533KCS Datasheet
768Kb / 10P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFETs
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com