Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE99151 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE99151
Description  Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE99151 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE99151 Datasheet HTML 1Page - Peregrine Semiconductor PE99151 Datasheet HTML 2Page - Peregrine Semiconductor PE99151 Datasheet HTML 3Page - Peregrine Semiconductor PE99151 Datasheet HTML 4Page - Peregrine Semiconductor PE99151 Datasheet HTML 5Page - Peregrine Semiconductor PE99151 Datasheet HTML 6Page - Peregrine Semiconductor PE99151 Datasheet HTML 7Page - Peregrine Semiconductor PE99151 Datasheet HTML 8Page - Peregrine Semiconductor PE99151 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Product Specification
PE99151
Page 2 of 15
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-29314-2 │ UltraCMOS® Power Management Solutions
Table 2. Electrical Specifications
Case Temp (Tc) = -55 to +125°C, VIN = 4.6 - 6.0V, VOUT = 1.0 - 3.6V (except as noted)
Parameter
Condition
Min
Typ
Max
Unit
Synchronous Frequency Range,
Fsw_range
0.1
5
MHz
Maximum Cycle-Averaged RMS
Output Current, Imax
2
A
Supply Current (Shutdown), IDDSD
SDb = GND, VIN = 5.5V
1.8
3.2
mA
SDb = GND, VIN = 6.0V
3.1
5.5
mA
Supply Current (No-load, 1 MHz
async), IDD0
17.5
mA
High Side On Resistance, Ron,hss
Test current = 100 mA
97
160
mΩ
Low Side On Resistance, Ron,lss
Test current = 100 mA
113
190
mΩ
Output Voltage
VIN = 5.0V, IOUT = Imax/2, -40≤Tj ≤+85°C, Fsw = 100 kHz - 1 MHz
-1.0
0
1.0
%
VIN = 5.0V, IOUT = Imax/2, Fsw = 100 kHz - 1 MHz @ Post Rad 25°C
-1.5
0
1.5
%
VIN = 5.0V, IOUT = Imax/2, -55≤Tj ≤+125°C, Fsw = 100 kHz - 1 MHz
-1.5
0
1.5
%
Reference Voltage Line Regulation,
Kvi (steady state)
4.6V ≤VIN ≤6.0V, IOUT = 1A, VOUT = 2.5V, Fsw = 1 MHz
-0.2
0
0.2
%
Reference Voltage Load Regulation,
Kvo (steady state)
VIN = 5.0V, 500 mA ≤IOUT ≤1A, VOUT = 2.5V, Fsw = 1 MHz
-0.25
0
0.25
%
Internal Oscillator and SYNC Capture
Oscillator Frequency, FOSC_FREQ
SYNC = GND
320
530
700
kHz
SYNC = Open or VIN
0.71
1
1.42
MHz
Internal Oscillator Duty Cycle,
FOSC_DC
46
54
%
SYNC Lock Capture Frequency,
Sync_lock
40
kHz
External Sync Duty Cycle, SYNC_DC
40
60
%
Reference Voltage Accuracy, Vref
Current Limiting and Current Mode Control Loop
Internal Current Limit Max, ILIMXINT
VOUT = 1.0V, ISET = 3.0V, ICOMP = 0V, RSEL pin shorted to ground,
not min-on-time limited
2
3
4
A
Externally Set Max Current Limit
Accuracy, ILIMXEXT
VOUT = 1.0V, RSET = 130Ω, ISET = 3.0V, ICOMP = 0V, RSEL = VIN,
not min-on-time limited
2
3
4
A
Max voltage across Rset, VMAXRSET
1.3
1.5
1.75
V
Iout/Irset, GIref
IOUT set for 50% rated current
300
378
450
A/A
ICOMP cap, CICOMP
  
110
  
pF
Current compensation gain, Icomp
2.3
3
4
A/V


Similar Part No. - PE99151

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE99151DIE PSEMI-PE99151DIE Datasheet
1Mb / 15P
   Hi-Rel 2A DC-DC Converter
PE99151 PSEMI-PE99151_14 Datasheet
465Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
More results

Similar Description - PE99151

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE99151 PSEMI-PE99151_14 Datasheet
465Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99155 PSEMI-PE99155 Datasheet
459Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99153 PSEMI-PE99153 Datasheet
441Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
logo
Renesas Technology Corp
ISL70005SEH RENESAS-ISL70005SEH Datasheet
1Mb / 46P
   Radiation Hardened Dual Output Point-of-Load, Integrated Synchronous Buck and Low Dropout Regulator
Jul 28, 2022
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
logo
Texas Instruments
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
LM21215MHX TI1-LM21215MHX Datasheet
1Mb / 33P
[Old version datasheet]   15A High Efficiency Point of Load Synchronous Buck Regulator
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com