Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE97042 Datasheet(PDF) 8 Page - Peregrine Semiconductor

Part # PE97042
Description  3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE97042 Datasheet(HTML) 8 Page - Peregrine Semiconductor

Back Button PE97042 Datasheet HTML 3Page - Peregrine Semiconductor PE97042 Datasheet HTML 4Page - Peregrine Semiconductor PE97042 Datasheet HTML 5Page - Peregrine Semiconductor PE97042 Datasheet HTML 6Page - Peregrine Semiconductor PE97042 Datasheet HTML 7Page - Peregrine Semiconductor PE97042 Datasheet HTML 8Page - Peregrine Semiconductor PE97042 Datasheet HTML 9Page - Peregrine Semiconductor PE97042 Datasheet HTML 10Page - Peregrine Semiconductor PE97042 Datasheet HTML 11Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Product Specification
PE97042
Page 8 of 11
©2007-2011 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0236-05
│ UltraCMOS™ RFIC Solutions
Functional Description
The PE97042 consists of a prescaler, counters, a
phase detector, and control logic. The dual
modulus prescaler divides the VCO frequency by
either 10 or 11, depending on the value of the
modulus select. Counters “R” and “M” divide the
reference and prescaler output, respectively, by
integer values stored in a 20-bit register. An
additional counter (“A”) is used in the modulus
select logic. The phase-frequency detector
generates up and down frequency control signals.
The control logic includes a selectable chip
interface. Data can be written via a serial bus or
hardwired directly to the pins. There are also
various operational and test modes and a lock
detect output.
Main Counter Chain
Normal Operating Mode
Setting the PB control bit “low” enables the ÷10/11
prescaler. The main counter chain then divides
the RF input frequency (FIN) by an integer derived
from the values in the “M” and “A” counters.
In this mode, the output from the main counter
chain (fp) is related to the VCO frequency (FIN) by
the following equation:
fp = FIN / [10 x (M + 1) + A
(1)
where A
 M + 1, 1 ≤ M ≤ 511
When the loop is locked, FIN is related to the
reference frequency (FR) by the following
equation:
FIN = [10 x (M + 1) + A] x (FR / (R+1))
(2)
where A
 M + 1, 1 ≤ M ≤ 511
A consequence of the upper limit on A is that FIN
must be greater than or equal to 90 x (FR / (R+1))
to obtain contiguous channels. The A counter can
accept values as high as 15, but in typical
operation it will cycle from 0 to 9 between
increments in M.
Programming the M counter with the minimum
allowed value of “1” will result in a minimum M
counter divide ratio of “2”.
Prescaler Bypass Mode
Setting the enhancement register bit PB “high”
allows FIN to bypass the ÷10/11 prescaler. In this
mode, the prescaler and A counter are powered
down, and the input VCO frequency is divided
by the M counter directly. This mode is only
available when using the serial port to set the
frequency control bits. The following equation
relates FIN to the reference frequency FR:
FIN = (M + 1) x (FR / (R+1))
(3)
where 1 ≤ M ≤ 511
Reference Counter
The reference counter chain divides the
reference frequency FR down to the phase
detector comparison frequency fc.
The output frequency of the 6-bit R Counter is
related to the reference frequency by the
following equation:
fc = FR / (R + 1)
(4)
where 0 ≤ R ≤ 63
Note that programming R with “0” will pass the
reference frequency (FR) directly to the phase
detector.


Similar Part No. - PE97042

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9704 PEREGRINE-PE9704 Datasheet
253Kb / 11P
   3.0 GHz Integer-N PLL for Rad Hard Apllications
PE9704 PEREGRINE-PE9704 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Pasternack Enterprises,...
PE9704 PASTERNACK-PE9704 Datasheet
72Kb / 1P
   FME PLUG TO N MALE
logo
Peregrine Semiconductor
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9704EK PEREGRINE-PE9704EK Datasheet
253Kb / 11P
   3.0 GHz Integer-N PLL for Rad Hard Apllications
More results

Similar Description - PE97042

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE97022 PEREGRINE-PE97022 Datasheet
355Kb / 14P
   3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9701 PSEMI-PE9701 Datasheet
287Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE9601 PSEMI-PE9601 Datasheet
490Kb / 14P
   2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor...
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
   2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com