Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4353 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AKD4353
Description  EVALUATION BOARD REV.A FOR AK4353
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4353 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AKD4353 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4353 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4353 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4353 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4353 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4353 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4353 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4353 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4353 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ASAHI KASEI
[AKD4353]
<KM061401>
’00/04
- 7 -
n Plots
[Measurement condition]
• Measurement unit : Audio Precision, System two
• MCLK
: 256fs
• BICK
: 64fs
• fs
: 44.1kHz, 96kHz
• Bit
: 24bit
• Power Supply
: AVDD=DVDD=5V
• Interface
: DIR
• Temperature
: Room
[Contents]
1. fs=44.1kHz
Figure 1-1. THD+N vs. Input level
Figure 1-2. THD+N vs. Input frequency
Figure 1-3. Linearity
Figure 1-4. Frequency response
Figure 1-5. Cross-talk
Figure 1-6. FFT (1kHz, 0dBFS)
Figure 1-7. FFT (1kHz, -60dBFS)
Figure 1-8. FFT (noise floor)
Figure 1-9. FFT (out-of-band noise,
∼130kHz)
2. fs=96kHz
Figure 2-1. THD+N vs. Input level
Figure 2-2. THD+N vs. Input frequency
Figure 2-3. Linearity
Figure 2-4. Frequency response
Figure 2-5. FFT (1kHz, 0dBFS)
Figure 2-6. FFT (1kHz, -60dBFS)
Figure 2-7. FFT (noise floor)


Similar Part No. - AKD4353

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4353 AKM-AKD4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
More results

Similar Description - AKD4353

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4523 AKM-AKD4523 Datasheet
1Mb / 30P
   EVALUATION BOARD REV.A FOR AK4523
AKD5393 AKM-AKD5393 Datasheet
602Kb / 22P
   EVALUATION BOARD REV.A FOR AK5393
AKD4309B AKM-AKD4309B Datasheet
1Mb / 15P
   EVALUATION BOARD REV.A FOR AK4309B
AKD4363 AKM-AKD4363 Datasheet
340Kb / 30P
   EVALUATION BOARD REV.A FOR AK4363
AKD4569 AKM-AKD4569 Datasheet
311Kb / 27P
   Evaluation board Rev.A for AK4569
AKD4584 AKM-AKD4584 Datasheet
366Kb / 41P
   Evaluation board Rev.A for AK4584
AKD5365 AKM-AKD5365 Datasheet
270Kb / 27P
   Evaluation board Rev.A for AK5365
AKD4380 AKM-AKD4380 Datasheet
220Kb / 21P
   EVALUATION BOARD REV.A FOR AK4380
AKD4524 AKM-AKD4524 Datasheet
746Kb / 28P
   EVALUATION BOARD REV.A FOR AK4524
AKD4122 AKM-AKD4122 Datasheet
516Kb / 36P
   Evaluation board Rev.A for AK4122
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com