Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC4U134A Datasheet(PDF) 4 Page - NICHIA CORPORATION

Part # NC4U134A
Description  SPECIFICATIONS FOR UV LED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NC4U134A Datasheet(HTML) 4 Page - NICHIA CORPORATION

  NC4U134A_13 Datasheet HTML 1Page - NICHIA CORPORATION NC4U134A_13 Datasheet HTML 2Page - NICHIA CORPORATION NC4U134A_13 Datasheet HTML 3Page - NICHIA CORPORATION NC4U134A_13 Datasheet HTML 4Page - NICHIA CORPORATION NC4U134A_13 Datasheet HTML 5Page - NICHIA CORPORATION NC4U134A_13 Datasheet HTML 6Page - NICHIA CORPORATION NC4U134A_13 Datasheet HTML 7Page - NICHIA CORPORATION NC4U134A_13 Datasheet HTML 8Page - NICHIA CORPORATION NC4U134A_13 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NICHIA STS-DA1-1764I <Cat.No.131031>
3
OUTLINE DIMENSIONS
STS-DA7-1041B
NC4U134x
管理番号
No.
(単位 Unit: mm)
This product complies with RoHS Directive.
本製品は
RoHS
指令に適合しております
*
(単位 Unit: mm, 公差 Tolerance: ±0.2)
項目
Item
パッケージ材質
Package Materials
ガラス窓材質
Glass Materials
電極材質
Electrodes Materials
ダイヒートシンク材質
Die Heat Sink
Materials
質量
Weight
内容
Description
セラミックス
Ceramics
硬質ガラス
/コバール
Hard Glass/Kovar
金メッキ
Au-plated
金メッキ
Au-plated
0.28g(TYP)
0.395
4.25
6.8
Cathode Mark
Anode
Cathode
3.2
4.2
6.6
Die Heat Sink
ダイヒートシンク
K
保護素子
Protection Device
A
ダイヒートシンク
Die Heat Sink


Similar Part No. - NC4U134A_13

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NC4U134A NICHIA-NC4U134A Datasheet
293Kb / 17P
   SPECIFICATIONS FOR UV LED
More results

Similar Description - NC4U134A_13

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSU100C-E NICHIA-NSSU100C-E Datasheet
307Kb / 17P
   SPECIFICATIONS FOR UV LED
NSHU551A-E NICHIA-NSHU551A-E Datasheet
223Kb / 15P
   SPECIFICATIONS FOR UV LED
NCSU034B-E NICHIA-NCSU034B-E Datasheet
452Kb / 18P
   SPECIFICATIONS FOR UV LED
NCSU034B NICHIA-NCSU034B Datasheet
292Kb / 17P
   SPECIFICATIONS FOR UV LED
NVSU233B NICHIA-NVSU233B Datasheet
676Kb / 28P
   SPECIFICATIONS FOR UV LED
NSSU123 NICHIA-NSSU123 Datasheet
300Kb / 16P
   SPECIFICATIONS FOR UV LED
NSSU123T NICHIA-NSSU123T Datasheet
283Kb / 17P
   SPECIFICATIONS FOR UV LED
NCSU275 NICHIA-NCSU275 Datasheet
372Kb / 24P
   SPECIFICATIONS FOR UV LED
NCSU033C NICHIA-NCSU033C Datasheet
466Kb / 18P
   SPECIFICATIONS FOR UV LED
NCSU033B-E NICHIA-NCSU033B-E Datasheet
452Kb / 18P
   SPECIFICATIONS FOR UV LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com