Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC4U133A Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part # NC4U133A
Description  SPECIFICATIONS FOR UV LED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NC4U133A Datasheet(HTML) 11 Page - NICHIA CORPORATION

Back Button NC4U133A Datasheet HTML 7Page - NICHIA CORPORATION NC4U133A Datasheet HTML 8Page - NICHIA CORPORATION NC4U133A Datasheet HTML 9Page - NICHIA CORPORATION NC4U133A Datasheet HTML 10Page - NICHIA CORPORATION NC4U133A Datasheet HTML 11Page - NICHIA CORPORATION NC4U133A Datasheet HTML 12Page - NICHIA CORPORATION NC4U133A Datasheet HTML 13Page - NICHIA CORPORATION NC4U133A Datasheet HTML 14Page - NICHIA CORPORATION NC4U133A Datasheet HTML 15Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NICHIA STS-DA1-1762H <Cat.No.131031>
10
OPTICAL CHARACTERISTICS
NC4U133A
管理番号
No.
STS-DA7-1031
Spectrum
0.0
0.2
0.4
0.6
0.8
1.0
300
350
400
450
500
550
600
相対放射強度
Relative Radiant
Directivity1
90°
80°
70°
60°
50°
40°
30°
20°
10°
-10°
-20°
-30°
-40°
-50°
-60°
-70°
-80°
-90°
発光スペクトル
Spectrum
波長
Wavelength(nm)
指向特性
Directivity
10.5
0
0.5
1
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.
500mA
IFP=
TA=25°C
500mA
IFP=
TA=25°C


Similar Part No. - NC4U133A

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NC4U133A NICHIA-NC4U133A Datasheet
293Kb / 17P
   SPECIFICATIONS FOR UV LED
More results

Similar Description - NC4U133A

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSU100C-E NICHIA-NSSU100C-E Datasheet
307Kb / 17P
   SPECIFICATIONS FOR UV LED
NSHU551A-E NICHIA-NSHU551A-E Datasheet
223Kb / 15P
   SPECIFICATIONS FOR UV LED
NCSU034B-E NICHIA-NCSU034B-E Datasheet
452Kb / 18P
   SPECIFICATIONS FOR UV LED
NCSU034B NICHIA-NCSU034B Datasheet
292Kb / 17P
   SPECIFICATIONS FOR UV LED
NVSU233B NICHIA-NVSU233B Datasheet
676Kb / 28P
   SPECIFICATIONS FOR UV LED
NSSU123 NICHIA-NSSU123 Datasheet
300Kb / 16P
   SPECIFICATIONS FOR UV LED
NSSU123T NICHIA-NSSU123T Datasheet
283Kb / 17P
   SPECIFICATIONS FOR UV LED
NCSU275 NICHIA-NCSU275 Datasheet
372Kb / 24P
   SPECIFICATIONS FOR UV LED
NC4U134A NICHIA-NC4U134A_13 Datasheet
322Kb / 18P
   SPECIFICATIONS FOR UV LED
NCSU033C NICHIA-NCSU033C Datasheet
466Kb / 18P
   SPECIFICATIONS FOR UV LED
NCSU033B-E NICHIA-NCSU033B-E Datasheet
452Kb / 18P
   SPECIFICATIONS FOR UV LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com