Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-SN85 Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-SN85
Description  INFRARED LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-SN85 Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-SN85 Datasheet HTML 1Page - IC-Haus GmbH IC-SN85 Datasheet HTML 2Page - IC-Haus GmbH IC-SN85 Datasheet HTML 3Page - IC-Haus GmbH IC-SN85 Datasheet HTML 4Page - IC-Haus GmbH IC-SN85 Datasheet HTML 5Page - IC-Haus GmbH IC-SN85 Datasheet HTML 6Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
iC-SN85 BLCC SN1C
INFRARED LED
Rev B3, Page 2/6
THERMAL DATA
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
-40
125
°C
T02
Ts
Storage Temperature Range
-40
125
°C
T03
Tpk
Soldering Temperature
tpk < 5 s, manual soldering;
260
°C
Not suitable for reflow or vapor phase
soldering.
T04
Rthja
Thermal resistance junction to ambient
300
K/W
T05
Tj
Junction Temperature
-40
125
°C
AMBIENT TEMPERATURE [°C]
THERMAL DERATING CURVE
125
100
150
100
50
75
50
25
0
Figure 1: Maximum power dissipation with respect to temperature
ELECTRICAL CHARACTERISTICS
Tamb = 25°C, unless otherwise noted
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Electrical and Optical Characteristics
001
VF
Forward voltage
IF = 20 mA
1.4
1.8
V
002
VR
Reverse voltage
IR = 5 µA
5
V
003
Φe
Radiant power
IF = 20 mA
3.4
8.1
mW
004
TK(Φe)
Temperature coefficient of radiant
power
IF = 20 mA, Tj = 25°C...125°C
-0.6
%/K
005
λp
Peak wavelength
IF = 20 mA
840
850
860
nm
006
∆λ
Spectral half width
IF = 20 mA
30
nm
007
Divergence, SD2C package
IF = 20 mA
4
deg.
008
tr, tf
Switching time
IF = 100 mA, RL = 50 Ω
12
ns
Remarks: Measured optical characteristcs may depend on conditions and equipment and thus differ in its given
typical values.


Similar Part No. - IC-SN85

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-SN85SN1C ICHAUS-IC-SN85SN1C Datasheet
294Kb / 2P
   LIGHT FOR MOTION
More results

Similar Description - IC-SN85

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
   Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
   Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
   Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
   Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
   Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
   Infrared LED
logo
Marktech Corporate
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
   Infrared LED
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
   INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
   INFRARED LED?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com