Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQJ461EP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SQJ461EP
Description  Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ461EP Datasheet(HTML) 4 Page - Vishay Siliconix

  SQJ461EP Datasheet HTML 1Page - Vishay Siliconix SQJ461EP Datasheet HTML 2Page - Vishay Siliconix SQJ461EP Datasheet HTML 3Page - Vishay Siliconix SQJ461EP Datasheet HTML 4Page - Vishay Siliconix SQJ461EP Datasheet HTML 5Page - Vishay Siliconix SQJ461EP Datasheet HTML 6Page - Vishay Siliconix SQJ461EP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SQJ461EP
www.vishay.com
Vishay Siliconix
S11-2288-Rev. E, 28-Nov-11
4
Document Number: 65541
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Source Drain Diode Forward Voltage
Threshold Voltage
Breakdown Voltage vs. Junction Temperature
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
175
ID = 14.4 A
VGS =10V
TJ - Junction Temperature (°C)
0.00
0.02
0.04
0.06
0.08
0.10
02
4
6
8
10
TJ = 25 °C
TJ = 150 °C
VGS - Gate-to-Source Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.01
0.001
0.1
10
100
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
- 0.4
- 0.1
0.2
0.5
0.8
1.1
- 50
- 25
0
25
50
75
100
125
150
175
ID = 250 µA
ID =1 mA
TJ - Temperature (°C)
- 75
- 72
- 69
- 66
- 63
- 60
- 50
- 25
0
25
50
75
100
125
150
175
ID =1mA
TJ - Junction Temperature (°C)


Similar Part No. - SQJ461EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ461EP VISHAY-SQJ461EP Datasheet
154Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. E, 28-Nov-11
SQJ461EP VISHAY-SQJ461EP Datasheet
377Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
Rev. A, 19-Oct-15
SQJ461EP VISHAY-SQJ461EP Datasheet
172Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ461EP-T1-GE3 VISHAY-SQJ461EP-T1-GE3 Datasheet
172Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 째C MOSFET
09-Jul-2021
SQJ461EP-T1-GE3 VISHAY-SQJ461EP-T1-GE3 Datasheet
172Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQJ461EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ461EP VISHAY-SQJ461EP_15 Datasheet
173Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. E, 28-Nov-11
SQ2309ES VISHAY-SQ2309ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ3427AEEV VISHAY-SQ3427AEEV Datasheet
270Kb / 12P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 16-Jul-15
SQ3427EEV VISHAY-SQ3427EEV Datasheet
211Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQM50P06-15L VISHAY-SQM50P06-15L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQM90P06-07L VISHAY-SQM90P06-07L_15 Datasheet
151Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 17-Mar-14
SQM110P068M9L VISHAY-SQM110P068M9L_15 Datasheet
175Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 22-Oct-12
SQM120P06-07L VISHAY-SQM120P06-07L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJA61EP VISHAY-SQJA61EP_V01 Datasheet
183Kb / 6P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P06-15L VISHAY-SQD50P06-15L_V02 Datasheet
155Kb / 8P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3427AEEV VISHAY-SQ3427AEEV_V02 Datasheet
292Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com