Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-NZN Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-NZN
Description  N-TYPE LASER DIODE DRIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NZN Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-NZN Datasheet HTML 1Page - IC-Haus GmbH IC-NZN Datasheet HTML 2Page - IC-Haus GmbH IC-NZN Datasheet HTML 3Page - IC-Haus GmbH IC-NZN Datasheet HTML 4Page - IC-Haus GmbH IC-NZN Datasheet HTML 5Page - IC-Haus GmbH IC-NZN Datasheet HTML 6Page - IC-Haus GmbH IC-NZN Datasheet HTML 7Page - IC-Haus GmbH IC-NZN Datasheet HTML 8Page - IC-Haus GmbH IC-NZN Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
prel
imin
ary
prel
imin
ary
iC-NZN
N-TYPE LASER DIODE DRIVER
Rev B2, Page 1/17
FEATURES
o Peak value controlled laser diode driver for operation from CW
up to 155 MHz
o Spike-free switching of laser currents of up to 300 mA
o Setting of laser power (APC) via external resistor
o Optional current control (ACC)
o Laser current limitation
o LVDS/TTL switching input with TTL monitor output
o Low current consumption sleep-mode < 50 µA
o Safety shutdown with overtemperature
o Error signal output with overtemperature, undervoltage and
overcurrent
o All current LD types can be used (N/P/M configurations)
o Blue laser diodes supported
o Fast soft-start
o Strong suppression of transients with small external capacitors
APPLICATIONS
o Pulsed and CW laser diode
modules
o Laser diode pointers
o Laser levels
o Bar-code readers
o Distance measurement
o Blue laser diodes
PACKAGES
QFN24
4 mm x 4 mm
BLOCK DIAGRAM
+
&
VDD
EN
GND
CI
P
PMD
GND
RSI
MD
CLDA
LDA MONITOR
M
+3..+5.5V
0.68..
LDA
Low V(LDA)
NERR
LVDS/TTL
IMON
AVG
i(RSI)x540
RSI
100 nF..
CIS
suitable laser diode configurations
..300mA
NSLP
OverTemp.
SYN
+
AGND
-
OUTPUT MONITOR
CVDD
..300mA
1
ECI
RSI
LDK
RGND
N
CI
x240
VDD
INPUT INTERFACE
&
P
PMD
&
REF
&
N
RMD
Bandgap, Reference, Overtemp
1
EP
N
VDD
RVDD
VSY
OverCurrent
RMD
TTL
ECI
CI
T.PAD
N
9kΩ
REGE
-
M
CID
100 nF..
..10 nF..
iC-NZN
1
OUTPUT DRIVER
1
Copyright © 2012 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-NZN

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NZN ICHAUS-IC-NZN Datasheet
729Kb / 16P
   N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN Datasheet
819Kb / 17P
   N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN Datasheet
770Kb / 17P
   N-TYPE LASER DIODE DRIVER
IC-NZNEVAlNZN1D ICHAUS-IC-NZNEVAlNZN1D Datasheet
729Kb / 16P
   N-TYPE LASER DIODE DRIVER
IC-NZNQFN24 ICHAUS-IC-NZNQFN24 Datasheet
729Kb / 16P
   N-TYPE LASER DIODE DRIVER
More results

Similar Description - IC-NZN

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
NZNQFN24 ROITHNER-NZNQFN24 Datasheet
770Kb / 17P
   N-TYPE LASER DIODE DRIVER
logo
IC-Haus GmbH
IC-NZN ICHAUS-IC-NZN_11 Datasheet
819Kb / 17P
   N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN Datasheet
729Kb / 16P
   N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN_14 Datasheet
770Kb / 17P
   N-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP_11 Datasheet
778Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP_14 Datasheet
742Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP Datasheet
423Kb / 13P
   P-TYPE LASER DIODE DRIVER
IC-WKM ICHAUS-IC-WKM Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
List of Unclassifed Man...
IC-WKM ETC2-IC-WKM Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
IC-Haus GmbH
WKMSO8-TP ICHAUS-WKMSO8-TP Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com