Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK9844F Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK9844F
Description  4Kbit EEPROM with 4ch 8bit D/A Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK9844F Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK9844F Datasheet HTML 1Page - Asahi Kasei Microsystems AK9844F Datasheet HTML 2Page - Asahi Kasei Microsystems AK9844F Datasheet HTML 3Page - Asahi Kasei Microsystems AK9844F Datasheet HTML 4Page - Asahi Kasei Microsystems AK9844F Datasheet HTML 5Page - Asahi Kasei Microsystems AK9844F Datasheet HTML 6Page - Asahi Kasei Microsystems AK9844F Datasheet HTML 7Page - Asahi Kasei Microsystems AK9844F Datasheet HTML 8Page - Asahi Kasei Microsystems AK9844F Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ASAHI KASEI
[AK9844]
DAD02E-00
1999/05
- 1 -
AK9844
4Kbit EEPROM with 4ch 8bit D/A Converter
GENERAL DESCRIPTION
The AK9844 includes 4 channel, 8-bit D/A converters with on-chip output buffer amps and it is capable to
store the input digital data of each D/A converter by on-chip non-volatile CMOS EEPROM. The AK9844 is
optimally designed for various circuit adjustments for consumer and industrial equipments and it is ideally
suited for replacing mechanical trimmers.
FEATURES
† EEPROM SECTION
4 word
Õ 8-bit organization (Dedicated for DAC data)
256 word
Õ 16-bit organization (General purpose memory)
Serial data interface
Sequential register read
Automatic write cycle
100K write cycles
10 year data retention
† D/A SECTION
4 channels
Resolution
: 8-bits
Differential Non-Linearity
:
‘ 1.0 LSB
Linearity Error
:
‘ 2.0 LSB
Output Voltage Range
: GND
∼ VCC
† AUTO READ Function
† Power down mode
Block Diagram


Similar Part No. - AK9844F

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9844A AKM-AK9844A Datasheet
132Kb / 17P
   4Kbit EEPROM with 4ch 8bit D/A Converter
logo
List of Unclassifed Man...
AK9844AV ETC1-AK9844AV Datasheet
65Kb / 2P
   16pin TSSOP
More results

Similar Description - AK9844F

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9844A AKM-AK9844A Datasheet
132Kb / 17P
   4Kbit EEPROM with 4ch 8bit D/A Converter
AK9822 AKM-AK9822 Datasheet
171Kb / 17P
   2K / 4Kbit EEPROM with 2ch 8bit D/A Converter
logo
Rohm
BH2227FV ROHM-BH2227FV Datasheet
260Kb / 5P
   8bit 4ch D/A converter
logo
Asahi Kasei Microsystem...
AK9813B AKM-AK9813B Datasheet
195Kb / 24P
   12ch 8bit D/A Converter with EEPROM
AK9813A AKM-AK9813A Datasheet
232Kb / 24P
   12ch 8bit D/A Converter with EEPROM
logo
Rohm
BR25L040-W ROHM-BR25L040-W Datasheet
337Kb / 6P
   SPI BUS 4Kbit (512 x 8bit) EEPROM
BH2227FV ROHM-BH2227FV_09 Datasheet
257Kb / 9P
   Standard 8bit 4ch-E6ch Type D/A Converters
BH2227FV ROHM-BH2227FV_11 Datasheet
235Kb / 9P
   Standard 8bit 4ch??ch Type D/A Converters
BH2227FV ROHM-BH2227FV_15 Datasheet
1Mb / 18P
   D/A Converters Standard 8bit 4ch ??6ch Type
logo
New Japan Radio
NJW5210 NJRC-NJW5210 Datasheet
84Kb / 4P
   8bit 3ch D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com