Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-GE100 Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-GE100
Description  PWM RELAY/SOLENOID DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GE100 Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-GE100_13 Datasheet HTML 1Page - IC-Haus GmbH IC-GE100_13 Datasheet HTML 2Page - IC-Haus GmbH IC-GE100_13 Datasheet HTML 3Page - IC-Haus GmbH IC-GE100_13 Datasheet HTML 4Page - IC-Haus GmbH IC-GE100_13 Datasheet HTML 5Page - IC-Haus GmbH IC-GE100_13 Datasheet HTML 6Page - IC-Haus GmbH IC-GE100_13 Datasheet HTML 7Page - IC-Haus GmbH IC-GE100_13 Datasheet HTML 8Page - IC-Haus GmbH IC-GE100_13 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
prel
imin
ary
prel
imin
ary
iC-GE100
PWM RELAY/SOLENOID DRIVER
Rev A1, Page 2/12
DESCRIPTION
iC-GE100 is a PWM driver for inductive loads, such
as relay coils, solenoid valves and other inductive
loads.
The setpoints for the coil’s energising and hold cur-
rent are pre-set by means of external resistors RACT
and RHOLD. These currents can be set in a range
from 10 to 100 mA. The iC-GE100 switches from en-
ergising to hold mode after 50 ms provided that the
set energising current has been reached.
The changeover between energising and hold modes
is suitable for typical relay drives which require a
powerful initial energising current which can then be
reduced after closing the air gap in a magnetic cir-
cuit. The quadratic dependence on the current inten-
sity means that cutting the current by half reduces
the power dissipation by ca. 75%.
Using PWM the output current is controlled to the
values set at RACT and RHOLD. The internal fly-
back diode maintains the current during the switch-
ing pauses. The switching frequency of ca. 80 kHz is
provided by the internal oscillator.
The device is shutdown by a Low signal at input EN
or the removal of the power supply; the current re-
duction in the coil is supported by the changeover of
the free-wheeling circuit. The Zener diode now ac-
tive permits higher free-wheeling voltages and thus a
quicker demagnetising of the coil.
The status indicator LED is constantly ON when hold
mode is functioning correctly and flashes with low
voltage, excessive temperature or when the coil cur-
rent in energise mode has not reached the setpoint.
The driver output is shutdown with low voltage or ex-
cessive temperature. Alternatively to using an LED
output DIAG signals the correct operating by out-
putting a high signal.
The input signal at EN can be synchronised with the
zero crossing at input SYNC. Thus by using an ex-
ternal R/C network, the switching of the coil can be
synchronised with the load current of e.g. the relay.
PACKAGING INFORMATION DFN8-3x3
PIN CONFIGURATION DFN8 3 mm x 3 mm
1
2
3
4
5
6
7
8
Backside
Pad/Shield
(BP)
PIN FUNCTIONS
No. Name Function
1 GND
Ground
2 SW
PWM Output
3 VB
+10...36 V Supply Voltage
4 IHOLD Hold Current Setup
5 IACT
Energising Current Setup
6 DIAG
Status Output
7 SYNC Sync Input
8 EN
Enable Input
The Thermal Pad is to be connected to a Ground Plane (GND) on the PCB.
Only pin 1 marking on top or bottom defines the package orientation (
GE100 label and coding is
subject to change).


Similar Part No. - IC-GE100_13

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-GE100 ICHAUS-IC-GE100_15 Datasheet
616Kb / 12P
   PWM RELAY/SOLENOID DRIVER
More results

Similar Description - IC-GE100_13

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-JE ICHAUS-IC-JE Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_13 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_15 Datasheet
616Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_14 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE_15 Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE Datasheet
497Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100 Datasheet
453Kb / 11P
   PWM RELAY/SOLENOID DRIVER
logo
Burr-Brown (TI)
DRV101 BURR-BROWN-DRV101 Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102 TI-DRV102 Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
Burr-Brown (TI)
DRV102 BURR-BROWN-DRV102 Datasheet
253Kb / 19P
   PWM SOLENOID/VALVE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com