Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-BM Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-BM
Description  FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-BM Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-BM_11 Datasheet HTML 1Page - IC-Haus GmbH IC-BM_11 Datasheet HTML 2Page - IC-Haus GmbH IC-BM_11 Datasheet HTML 3Page - IC-Haus GmbH IC-BM_11 Datasheet HTML 4Page - IC-Haus GmbH IC-BM_11 Datasheet HTML 5Page - IC-Haus GmbH IC-BM_11 Datasheet HTML 6Page - IC-Haus GmbH IC-BM_11 Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
iC-BM FOUR-CHANNEL
FOUR-QUADRANT ANALOG MULTIPLIER
Rev B1, Page 3/7
PACKAGE DIMENSIONS SO18W
11.55
1.27
0.41
TOP
SIDE
0.84
FRONT
1.27
0.60
RECOMMENDED PCB-FOOTPRINT
dra_so18w-1_pack_1, 5:1
All dimensions given in mm.


Similar Part No. - IC-BM_11

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
More results

Similar Description - IC-BM_11

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
logo
Intersil Corporation
ICL8013 INTERSIL-ICL8013 Datasheet
132Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
ICL8013 INTERSIL-ICL8013_00 Datasheet
726Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Intersil Corporation
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
   Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com