Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK9824 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK9824
Description  2K / 4Kbit EEPROM with 2ch 8bit D/A Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK9824 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK9824 Datasheet HTML 1Page - Asahi Kasei Microsystems AK9824 Datasheet HTML 2Page - Asahi Kasei Microsystems AK9824 Datasheet HTML 3Page - Asahi Kasei Microsystems AK9824 Datasheet HTML 4Page - Asahi Kasei Microsystems AK9824 Datasheet HTML 5Page - Asahi Kasei Microsystems AK9824 Datasheet HTML 6Page - Asahi Kasei Microsystems AK9824 Datasheet HTML 7Page - Asahi Kasei Microsystems AK9824 Datasheet HTML 8Page - Asahi Kasei Microsystems AK9824 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ASAHI KASEI
[AK9822/24]
DAD01E-00
1999/05
- 2 -
„
„
„
„ Ordering Guide
AK9822M
-40
°C∼+85°C
8pin SSOP
AK9824M
-40
°C∼+85°C
8pin SSOP
„
„
„
„ Pin Layout
„
„
„
„ Pin Description
No.
Pin Name
I/O
Function
1
AO1
O
Analog Output Pin
2
CS
I
Chip Select Pin
(Schmitt-trigger input)
3
SK
I
Serial Clock Pin
(Schmitt-trigger input)
4
DO
O
Serial Data Output Pin
5
GND
-
Ground Pin
6
DI
I
Serial Data Input Pin
7
VCC
-
Power Supply
8
AO0
O
Analog Output Pin


Similar Part No. - AK9824

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9813A AKM-AK9813A Datasheet
232Kb / 24P
   12ch 8bit D/A Converter with EEPROM
AK9813AF AKM-AK9813AF Datasheet
232Kb / 24P
   12ch 8bit D/A Converter with EEPROM
AK9813B AKM-AK9813B Datasheet
195Kb / 24P
   12ch 8bit D/A Converter with EEPROM
AK9813BF AKM-AK9813BF Datasheet
195Kb / 24P
   12ch 8bit D/A Converter with EEPROM
logo
List of Unclassifed Man...
AK9813BF ETC1-AK9813BF Datasheet
41Kb / 2P
   24pin VSOP
More results

Similar Description - AK9824

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9844 AKM-AK9844 Datasheet
156Kb / 17P
   4Kbit EEPROM with 4ch 8bit D/A Converter
AK9844A AKM-AK9844A Datasheet
132Kb / 17P
   4Kbit EEPROM with 4ch 8bit D/A Converter
logo
Rohm
BH2219FVM ROHM-BH2219FVM Datasheet
171Kb / 5P
   8bit 2ch D/A converter
logo
Asahi Kasei Microsystem...
AK9813B AKM-AK9813B Datasheet
195Kb / 24P
   12ch 8bit D/A Converter with EEPROM
AK9813A AKM-AK9813A Datasheet
232Kb / 24P
   12ch 8bit D/A Converter with EEPROM
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CL AKM-AK93C45CL Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
logo
Rohm
BR25L040-W ROHM-BR25L040-W Datasheet
337Kb / 6P
   SPI BUS 4Kbit (512 x 8bit) EEPROM
logo
Asahi Kasei Microsystem...
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
logo
Rohm
BH2219FVM ROHM-BH2219FVM_15 Datasheet
1Mb / 17P
   D/A Converters Standard 8bit 2ch ??3ch Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com