Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJ1S-CLA24 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RJ1S-CLA24
Description  RJ Series ??General Purpose Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RJ1S-CLA24 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RJ1S-CLA24 Datasheet HTML 1Page - List of Unclassifed Manufacturers RJ1S-CLA24 Datasheet HTML 2Page - List of Unclassifed Manufacturers RJ1S-CLA24 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Relays
RJ Series
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada: (888) 317-IDEC
E-3
E
RJ relays, the newest addition to our relay family, were designed with
the same attention-to-detail IDEC is known for. One feature that exem-
plifies this is an optional LED. It uses a unique light guide to give you a
brighter and more noticeable status indicator from multiple directions.
Key features of the RJ series include:
• Compact size: 12.7 x 27 x 28.8 mm
• Contact rating: 8A (DPDT), 12A (SPDT)
• Operational life:
200K cycles at full resistive load
50 million cycles, no load
• Optional, green, non-polarized LED
• RoHS compliant
RJ1S
RJ2S
No. of poles
1
2
Contact Configuration
SPDT
DPDT
Contact Rating
12A
8A
Contact Material
Silver-Nickel alloy
Contact Resistance
50 milliohms max
Operating Time
15 ms max
Release Time
10 ms max
Dielectric
Strength
Between contact and coil
5,000VAC, 1 minute
Between contacts
1,000VAC, 1 minute
Vibration
Resistance
Damage limits
10-55Hz, amplitude 0.75mm
Operating extremes
10-55Hz, amplitude 0.75mm
Shock
Resistance
Damage limits
100m/s2 min (10G)
Operating extremes
1,000m/s2 min (100G)
Mechanical
Life
AC
30,000,000 operations
DC
50,000,000 operations
Electrical Life
@ Full Rated
Load
AC
200,000 operations
DC
100,000 operations
Operating Temperature
-40 to 70º C
Operating Humidity
5 to 85% RH
Dimensions (H x W x D mm)
12.7 x 27 x 28.8
Weight (Approx.)
19g
RJ Series — General Purpose Relays
Consult factory for other voltages.
UL Recognized
File No. E555996, Vol 1, sec. 11
CSA Certified
File No. LR35144
Ordering Information
Basic Part No.
Coil Voltage:
RJ
S – C
# of Contacts
1 = SPDT
2 = DPDT
Option
(Blank) = Standard
L = LED
Coil Voltage Code
D12 = 12V DC
D24 = 24V DC
D100 = 100-110V DC
A24 = 24V AC
A120 = 120V AC
A240 = 240V AC


Similar Part No. - RJ1S-CLA24

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
RJ1S-CL-A120 IDEC-RJ1S-CL-A120 Datasheet
230Kb / 3P
   General Purpose Relays
RJ1S-CL-A24 IDEC-RJ1S-CL-A24 Datasheet
230Kb / 3P
   General Purpose Relays
RJ1S-CL-A240 IDEC-RJ1S-CL-A240 Datasheet
230Kb / 3P
   General Purpose Relays
RJ1S-CL-D100 IDEC-RJ1S-CL-D100 Datasheet
230Kb / 3P
   General Purpose Relays
RJ1S-CL-D12 IDEC-RJ1S-CL-D12 Datasheet
230Kb / 3P
   General Purpose Relays
More results

Similar Description - RJ1S-CLA24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJ2S-CL-A24 ETC2-RJ2S-CL-A24 Datasheet
230Kb / 3P
   RJ Series - General Purpose Relays
RJ2S-CL-D24 ETC2-RJ2S-CL-D24 Datasheet
230Kb / 3P
   RJ Series - General Purpose Relays
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
   General Purpose Relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com