Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-261N-000E Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-261N-000E
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-261N-000E Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-261N-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-000E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-000E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-000E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Notes:
1. Peaking circuits may be used which produce transient input currents up to 30 mA, 50 ns maximum pulse width, provided the average current
does not exceed 10 mA.
2. 1 minute maximum.
3. Derate linearly above 80°C free-air temperature at a rate of 2.7 mW/°C for the SOIC-8 package.
4. Each channel.
5. Device considered a two-terminal device: Pins 1, 2, 3, and 4 shorted together and Pins 5, 6, 7, and 8 shorted together.
6. In accordance with UL1577, each optocoupler is proof tested by applying an insulation test voltage ≥ 4500 V
RMS for 1 second (leakage detec-
tion current limit, I
I-O ≤ 5 µA). This test is performed before the 100% production test for partial discharge (method b) shown in the
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table, if applicable.
7. In accordance with UL1577, each optocoupler is proof tested by applying an insulation test voltage ≥ 6000 V
RMS for 1 second (leakage detec-
tion current limit, I
I-O ≤ 5 µA).
8. Measured between the LED anode and cathode shorted together and pins 5 through 8 shorted together.
9. The t
PLH propagation delay is measured from the 1.75 mA point on the falling edge of the input pulse to the 1.5 V point on the rising edge of
the output pulse.
10. The t
PHL propagation delay is measured from the 1.75 mA point on the rising edge of the input pulse to the 1.5 V point on the falling edge of
the output pulse.
11. Propagation delay skew (t
PSK) is equal to the worst case difference in tPLH and/or tPHL that will be seen between any two units under the same
test conditions and operating temperature.
12. Single channel products only (HCPL-261A/261N/061A/061N).
13. Common mode transient immunity in a Logic High level is the maximum tolerable |dV
CM/dt| of the common mode pulse, VCM, to assure that
the output will remain in a Logic High state (i.e., Vo > 2.0 V).
14. Common mode transient immunity in a Logic Low level is the maximum tolerable |dV
CM/dt| of the common mode pulse, VCM, to assure that
the output will remain in a Logic Low state (i.e., V
O < 0.8 V).
15. For sinusoidal voltages
(|dV
CM/dt|)max = πfCM VCM(P-P).
16. Bypassing of the power supply line is required with a 0.1 µF ceramic disc capacitor adjacent to each optocoupler as shown in Figure 19. Total
lead length between both ends of the capacitor and the isolator pins should not exceed 10 mm.
17. Pulse Width Distortion (PWD) is defined as the difference between t
PLH and tPHL for any given device.
18. No external pull up is required for a high logic state on the enable input of a single channel product. If the V
E pin is not used, tying VE to VCC
will result in improved CMR performance.
19. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together. For dual channel parts only.
Package Characteristics
All Typicals at T
A = 25°C
Parameter
Sym.
Package*
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output
V
ISO
3750
V rms
RH ≤ 50%,
5, 6
Momentary With-
t = 1 min.,
stand Voltage**
T
A = 25°C
Input-Output
R
I-O
1012
Ω
V
I-O = 500 Vdc
4, 8
Resistance
Input-Output
C
I-O
0.6
pF
f = 1 MHz,
4, 8
Capacitance
T
A = 25°C
Input-Input
I
I-I
Dual Channel
0.005
µA
RH ≤ 45%,
19
Insulation
t = 5 s,
Leakage Current
V
I-I = 500 V
Resistance
R
I-I
Dual Channel
1011
Ω
19
(Input-Input)
Capacitance
C
I-I
Dual 8-pin DIP
0.03
pF
f = 1 MHz
19
Dual SO-8
0.25
*Ratings apply to all devices except otherwise noted in the Package column.
**The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous
voltage rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table (if applicable), your equip-
ment level safety specification or Avago Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage.”
†For 8-pin DIP package devices (HCPL-261A/261N/263A/263N) only.
(Input-Input)
OPT 020†
5000
5, 7


Similar Part No. - HCPL-261N-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261N-000E AVAGO-HCPL-261N-000E Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
More results

Similar Description - HCPL-261N-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-063A-000E AVAGO-HCPL-063A-000E Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-261A HP-HCPL-261A Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A_13 Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
HCPL-2430-000E AVAGO-HCPL-2430-000E Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
   20 MBd High CMR Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com