Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-261A-520E Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-261A-520E
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-261A-520E Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-261A-520E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-520E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-520E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-520E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-520E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-520E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-520E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-520E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-520E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
HCPL-061A/061N/063A/063N Outline Drawing
Figure 3. 8-Pin Small Outline Package Device Drawing.
Regulatory Information
The HCPL-261A and HCPL-261N
families have been approved by the
following organizations:
UL
Recognized under UL 1577, Com-
ponent Recognition Program, File
E55361.
CSA
Approved under CSA Component
Acceptance Notice #5, File CA
88324.
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884
Teil 2):2003-01.
(Option 060 only)
XXX
YWW
8
7
6
5
4
3
2
1
5.994 ± 0.203
(0.236 ± 0.008)
3.937 ± 0.127
(0.155 ± 0.005)
0.406 ± 0.076
(0.016 ± 0.003)
1.270
(0.050)
BSC
* 5.080 ± 0.127
(0.200 ± 0.005)
3.175 ± 0.127
(0.125 ± 0.005)
1.524
(0.060)
45 X 0.432
(0.017)
0.228 ± 0.025
(0.009 ± 0.001)
TYPE NUMBER
(LAST 3 DIGITS)
DATE CODE
0.305
(0.012)
MIN.
* TOTAL PACKAGE LENGTH (INCLUSIVE OF MOLD FLASH)
5.207 ± 0.254 (0.205 ± 0.010)
DIMENSIONS IN MILLIMETERS (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES) MAX.
0.203 ± 0.102
(0.008 ± 0.004)
7
NOTE: FLOATING LEAD PROTRUSION IS 0.15 mm (6 mils) MAX.
7.49 (0.295)
1.9 (0.075)
0.64 (0.025)
LAND PATTERN RECOMMENDATION
Solder Reflow Thermal Profile
Recommended Pb-Free IR Profile
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160°C
140°C
150°C
PEAK
TEMP.
245°C
PEAK
TEMP.
240°C
PEAK
TEMP.
230°C
SOLDERING
TIME
200°C
PREHEATING TIME
150°C, 90 + 30 SEC.
2.5 C ± 0.5°C/SEC.
3°C + 1°C/–0.5°C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3°C + 1°C/–0.5°C/SEC.
REFLOW HEATING RATE 2.5°C ± 0.5°C/SEC.
217 °C
RAMP-DOWN
6 °C/SEC. MAX.
RAMP-UP
3 C/SEC. MAX.
150 - 200 °C
260 +0/-5 °C
t 25 °C to PEAK
60 to 150 SEC.
20-40 SEC.
TIME WITHIN 5 °C of ACTUAL
PEAK TEMPERATURE
tp
ts
PREHEAT
60 to 180 SEC.
tL
TL
Tsmax
Tsmin
25
Tp
TIME
NOTES:
THE TIME FROM 25 °C to PEAK TEMPERATURE = 8 MINUTES MAX.
Tsmax = 200 °C, Tsmin = 150 °C
Note: Non-halide flux should be used.
Note: Non-halide flux should be used.


Similar Part No. - HCPL-261A-520E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A-520E AVAGO-HCPL-261A-520E Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
More results

Similar Description - HCPL-261A-520E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-063A-000E AVAGO-HCPL-063A-000E Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-261A HP-HCPL-261A Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A_13 Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
HCPL-2430-000E AVAGO-HCPL-2430-000E Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
   20 MBd High CMR Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com