Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2115APWG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2115APWG4
Description  AUTOSWITCHING POWER MUX
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2115APWG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2115APWG4 Datasheet HTML 1Page - Texas Instruments TPS2115APWG4 Datasheet HTML 2Page - Texas Instruments TPS2115APWG4 Datasheet HTML 3Page - Texas Instruments TPS2115APWG4 Datasheet HTML 4Page - Texas Instruments TPS2115APWG4 Datasheet HTML 5Page - Texas Instruments TPS2115APWG4 Datasheet HTML 6Page - Texas Instruments TPS2115APWG4 Datasheet HTML 7Page - Texas Instruments TPS2115APWG4 Datasheet HTML 8Page - Texas Instruments TPS2115APWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
STAT
D0
D1
ILIM
IN1
OUT
IN2
GND
1
2
3
4
8
7
6
5
TPS2115APW
0.1 mF
0.1 mF
CL
RL
IN1:2.8
5.5
-
V
IN2:2.8
5.5
-
V
RILIM
SwitchStatus
R1
TPS2114A
TPS2115A
www.ti.com
SBVS044F – MARCH 2004 – REVISED MAY 2012
AUTOSWITCHING POWER MUX
Check for Samples: TPS2114A, TPS2115A
1
FEATURES
APPLICATIONS
2
Two-Input, One-Output Power Multiplexer with
PCs
Low rDS(on) Switches:
PDAs
120 m
Ω Typ (TPS2114A)
Digital Cameras
84 m
Ω Typ (TPS2115A)
Modems
Reverse and Cross-Conduction Blocking
Cell Phones
Wide Operating Voltage Range: 2.8 V to 5.5 V
Digital Radios
Low Standby Current: 0.5-
μA Typ
MP3 Players
Low Operating Current: 55-
μA Typ
Adjustable Current Limit
DESCRIPTION
The TPS211xA family of power multiplexers enables
Controlled Output Voltage Transition Times
seamless transition between two power supplies
Limit Inrush Current and Minimize Output
(such as a battery and a wall adapter), each
Voltage Hold-Up Capacitance
operating at 2.8 V to 5.5 V and delivering up to 2 A,
CMOS- and TTL-Compatible Control Inputs
depending
on
package.
The
TPS211xA
family
Manual and Auto-Switching Operating Modes
includes extensive protection circuitry, including user-
programmable current limiting, thermal protection,
Thermal Shutdown
inrush current control, seamless supply transition,
Available in TSSOP-8 and 3-mm × 3-mm SON-8
cross-conduction blocking, and reverse-conduction
Packages
blocking. These features greatly simplify designing
power multiplexer applications.
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2115APWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2115APWG4 TI-TPS2115APWG4 Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
More results

Similar Description - TPS2115APWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com