Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2115ADRBTG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2115ADRBTG4
Description  AUTOSWITCHING POWER MUX
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2115ADRBTG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2115ADRBTG4 Datasheet HTML 1Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 2Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 3Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 4Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 5Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 6Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 7Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 8Page - Texas Instruments TPS2115ADRBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TPS2114A
TPS2115A
www.ti.com
SBVS044F – MARCH 2004 – REVISED MAY 2012
PACKAGE DISSIPATION RATINGS
DERATING FACTOR
TA ≤ 25°C POWER
TA = 70°C POWER
TA = 85°C POWER
PACKAGE
ABOVE TA = 25°C
RATING
RATING
RATING
TSSOP-8 (PW)
3.9 mW/°C
387 mW
213 mW
155 mW
SON-8 (DRB)
25.0 mW/°C
2.50 W
1.38 W
1.0 W
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VI(IN2) ≥ 2.8 V
1.5
5.5
V
Input voltage at IN1, VI(IN1)
VI(IN2) < 2.8 V
2.8
5.5
V
VI(IN1) ≥ 2.8 V
1.5
5.5
V
Input voltage at IN2, VI(IN2)
VI(IN1) < 2.8 V
2.8
5.5
V
Input voltage, VI(DO), VI(D1)
0
5.5
V
TPS2114APW
0.31
0.75
A
Nominal current limit adjustment range,
TPS2115APW
0.63
1.25
A
IO(OUT)
(1)
TPS2115ADRB, TJ ≤ 105°C
0.63
2
A
Operating virtual junction temperature, TJ
–40
125
°C
(1)
Minimum recommended current is based on accuracy considerations.
ELECTRICAL CHARACTERISTICS: POWER SWITCH
Over recommended operating junction temperature range, VI(IN1) = VI(IN2) = 5.5 V, and RILIM = 400 Ω, unless otherwise noted.
TPS2114A
TPS2115A
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
TJ = 25°C, IL = 500 mA, VI(IN1) = VI(IN2) = 5.0 V
120
140
84
110
m
Ω
TJ = 25°C, IL = 500 mA, VI(IN1) = VI(IN2) = 3.3 V
120
140
84
110
m
Ω
TJ = 25°C, IL = 500 mA, VI(IN1) = VI(IN2) = 2.8 V
120
140
84
110
m
Ω
Drain-source on-state
rDS(on)
(1)
resistance (INx
−OUT)
TJ = 125°C, IL = 500 mA, VI(IN1) = VI(IN2) = 5.0 V
220
150
m
Ω
TJ = 125°C, IL = 500 mA, VI(IN1) = VI(IN2) = 3.3 V
220
150
m
Ω
TJ = 125°C, IL = 500 mA, VI(IN1) = VI(IN2) = 2.8 V
220
150
m
Ω
(1)
The TPS211xA can switch a voltage as low as 1.5 V as long as there is a minimum of 2.8 V at one of the input power pins. In this
specific case, the lower supply voltage has no effect on the IN1 and IN2 switch on-resistances.
Copyright © 2004–2012, Texas Instruments Incorporated
3


Similar Part No. - TPS2115ADRBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results

Similar Description - TPS2115ADRBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com