Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2115ADRBRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2115ADRBRG4
Description  AUTOSWITCHING POWER MUX
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2115ADRBRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2115ADRBRG4 Datasheet HTML 1Page - Texas Instruments TPS2115ADRBRG4 Datasheet HTML 2Page - Texas Instruments TPS2115ADRBRG4 Datasheet HTML 3Page - Texas Instruments TPS2115ADRBRG4 Datasheet HTML 4Page - Texas Instruments TPS2115ADRBRG4 Datasheet HTML 5Page - Texas Instruments TPS2115ADRBRG4 Datasheet HTML 6Page - Texas Instruments TPS2115ADRBRG4 Datasheet HTML 7Page - Texas Instruments TPS2115ADRBRG4 Datasheet HTML 8Page - Texas Instruments TPS2115ADRBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TPS2114A
TPS2115A
SBVS044F – MARCH 2004 – REVISED MAY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: GENERAL
Over recommended operating junction temperature range, VI(IN1) = VI(IN2) = 5.5 V, and RILIM = 400 Ω, unless otherwise noted.
TPS2114A
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUTS (D0 AND D1)
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.7
V
D0 or D1 = high, sink current
1
µA
Input current at D0 or D1
D0 or D1 = low, source current
0.5
1.4
5
μA
SUPPLY AND LEAKAGE CURRENTS
D1 = high, D0 = low (IN1 active), VI(IN1) = 5.5 V,
55
90
μA
VI(IN2) = 3.3 V, IO(OUT) = 0 A
D1 = high, D0 = low (IN1 active), VI(IN1) = 3.3 V,
1
12
μA
VI(IN2) = 5.5 V, IO(OUT) = 0 A
Supply current from IN1
(operating)
D0 = D1 = low (IN2 active), VI(IN1) = 5.5 V,
75
μA
VI(IN2) = 3.3 V, IO(OUT) = 0 A
D0 = D1 = low (IN2 active), VI(IN1) = 3.3 V,
1
μA
VI(IN2) = 5.5 V, IO(OUT) = 0 A
D1 = high, D0 = low (IN1 active), VI(IN1) = 5.5 V,
1
μA
VI(IN2) = 3.3 V, IO(OUT) = 0 A
D1 = high, D0 = low (IN1 active), VI(IN1) = 3.3 V,
75
μA
VI(IN2) = 5.5 V, IO(OUT) = 0 A
Supply current from IN2
(operating)
D0 = D1 = low (IN2 active), VI(IN1) = 5.5 V,
1
12
μA
VI(IN2) = 3.3 V, IO(OUT) = 0 A
D0 = D1 = low (IN2 active), VI(IN1) = 3.3 V,
55
90
μA
VI(IN2) = 5.5 V, IO(OUT) = 0 A
D0 = D1 = high (inactive), VI(IN1) = 5.5 V,
0.5
2
μA
VI(IN2) = 3.3 V, IO(OUT) = 0 A
Quiescent current from IN1
(STANDBY)
D0 = D1 = high (inactive), VI(IN1) = 3.3 V,
1
μA
VI(IN2) = 5.5 V, IO(OUT) = 0 A
D0 = D1 = high (inactive), VI(IN1) = 5.5 V,
1
μA
VI(IN2) = 3.3 V, IO(OUT) = 0 A
Quiescent current from IN2
(STANDBY)
D0 = D1 = high (inactive), VI(IN1) = 3.3 V,
0.5
2
μA
VI(IN2) = 5.5 V, IO(OUT) = 0 A
Forward leakage current from IN1
D0 = D1 = high (inactive), VI(IN1) = 5.5 V, IN2 open,
0.1
5
μA
(measured from OUT to GND)
VO(OUT) = 0 V (shorted), TJ = 25°C
Forward leakage current from IN2
D0 = D1= high (inactive), VI(IN2) = 5.5 V, IN1 open, VO(OUT)
0.1
5
μA
(measured from OUT to GND)
= 0 V (shorted), TJ = 25°C
Reverse leakage current to INx
D0 = D1 = high (inactive), VI(INx) = 0 V, VO(OUT) = 5.5 V,
0.3
5
μA
(measured from INx to GND)
TJ = 25°C
CURRENT LIMIT CIRCUIT
RILIM = 400 Ω
0.51
0.63
0.80
A
Current limit accuracy, TPS2114A
RILIM = 700 Ω
0.30
0.36
0.50
A
RILIM = 400 Ω
0.95
1.25
1.56
A
Current limit accuracy, TPS2115A
RILIM = 700 Ω
0.47
0.71
0.99
A
Time for short-circuit output current to settle within 10% of
td
Current limit settling time
1
ms
its steady state value.
Input current at ILIM
VI(ILIM) = 0 V, IO(OUT) = 0 A
–15
0
μA
UVLO
Falling edge
1.15
1.25
V
IN1 and IN2 UVLO
Rising edge
1.30
1.35
V
IN1 and IN2 UVLO hysteresis
30
57
65
mV
Falling edge
2.4
2.53
V
Internal VDD UVLO (the higher of
IN1 and IN2)
Rising edge
2.58
2.8
V
Internal VDD UVLO hysteresis
30
50
75
mV
UVLO deglitch for IN1, IN2
Falling edge
110
μs
4
Copyright © 2004–2012, Texas Instruments Incorporated


Similar Part No. - TPS2115ADRBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results

Similar Description - TPS2115ADRBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com