Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2115PWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2115PWR
Description  AUTOSWITCHING POWER MULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2115PWR Datasheet(HTML) 1 Page - Texas Instruments

  TPS2115PWR Datasheet HTML 1Page - Texas Instruments TPS2115PWR Datasheet HTML 2Page - Texas Instruments TPS2115PWR Datasheet HTML 3Page - Texas Instruments TPS2115PWR Datasheet HTML 4Page - Texas Instruments TPS2115PWR Datasheet HTML 5Page - Texas Instruments TPS2115PWR Datasheet HTML 6Page - Texas Instruments TPS2115PWR Datasheet HTML 7Page - Texas Instruments TPS2115PWR Datasheet HTML 8Page - Texas Instruments TPS2115PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
(3,10 mm x 4,50 mm)
www.ti.com
FEATURES
APPLICATIONS
1
2
3
4
8
7
6
5
STAT
D0
D1
ILIM
IN1
OUT
IN2
GND
PW PACKAGE
(TOP VIEW)
DESCRIPTION
TYPICAL APPLICATION
STAT
D0
D1
ILIM
IN1
OUT
IN2
GND
1
2
3
4
8
7
6
5
TPS2115PW
0.1
µF
0.1
µF
CL
RL
IN1: 2.8 - 5.5 V
IN2: 2.8 - 5.5 V
RILIM
Switch Status
R1
TPS2114
TPS2115
SLVS447A – DECEMBER 2002 – REVISED MARCH 2004
AUTOSWITCHING POWER MULTIPLEXER
Available in a TSSOP-8 Package
Two-Input, One-Output Power Multiplexer
With Low rDS(on) Switches:
PCs
– 84 m
Ω Typ (TPS2115)
PDAs
– 120 m
Ω Typ (TPS2114)
Digital Cameras
Reverse and Cross-Conduction Blocking
Modems
Wide Operating Voltage Range: 2.8 V to 5.5 V
Cell phones
Low Standby Current: 0.5 µA Typical
Digital Radios
Low Operating Current: 55 µA Typical
MP3 Players
Adjustable Current Limit
Controlled Output Voltage Transition Times,
Limits Inrush Current and Minimizes Output
Voltage Hold-Up Capacitance
CMOS and TTL Compatible Control Inputs
Manual and Auto-Switching Operating Modes
Thermal Shutdown
The TPS211x family of power multiplexers enables seamless transition between two power supplies, such as a
battery and a wall adapter, each operating at 2.8-5.5 V and delivering up to 1 A. The TPS211x family includes
extensive protection circuitry, including user-programmable current limiting, thermal protection, inrush current
control, seamless supply transition, cross-conduction blocking, and reverse-conduction blocking. These features
greatly simplify designing power multiplexer applications.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2115PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2115PW TI-TPS2115PW Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results

Similar Description - TPS2115PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com