Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY48-MMH Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATTINY48-MMH
Description  Microcontroller with 4/8K Bytes In-System Programmable Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY48-MMH Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATTINY48-MMH Datasheet HTML 6Page - ATMEL Corporation ATTINY48-MMH Datasheet HTML 7Page - ATMEL Corporation ATTINY48-MMH Datasheet HTML 8Page - ATMEL Corporation ATTINY48-MMH Datasheet HTML 9Page - ATMEL Corporation ATTINY48-MMH Datasheet HTML 10Page - ATMEL Corporation ATTINY48-MMH Datasheet HTML 11Page - ATMEL Corporation ATTINY48-MMH Datasheet HTML 12Page - ATMEL Corporation ATTINY48-MMH Datasheet HTML 13Page - ATMEL Corporation ATTINY48-MMH Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
8008CS–AVR–03/09
ATtiny48/88
(0x7C)
ADMUX
REFS0
ADLAR
MUX3
MUX2
MUX1
MUX0
170
(0x7B)
ADCSRB
–ACME
ADTS2
ADTS1
ADTS0
173
(0x7A)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
171
(0x79)
ADCH
ADC Data Register High byte
173
(0x78)
ADCL
ADC Data Register Low byte
173
(0x77)
Reserved
(0x76)
Reserved
(0x75)
Reserved
(0x74)
Reserved
(0x73)
Reserved
(0x72)
Reserved
(0x71)
Reserved
(0x70)
Reserved
(0x6F)
TIMSK1
–ICIE1
OCIE1B
OCIE1A
TOIE1
109
(0x6E)
TIMSK0
OCIE0B
OCIE0A
TOIE0
82
(0x6D)
PCMSK2
PCINT23
PCINT22
PCINT21
PCINT20
PCINT19
PCINT18
PCINT17
PCINT16
54
(0x6C)
PCMSK1
PCINT15
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
54
(0x6B)
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
54
(0x6A)
PCMSK3
-
-
PCINT27
PCINT26
PCINT25
PCINT24
54
(0x69)
EICRA
–ISC11
ISC10
ISC01
ISC00
50
(0x68)
PCICR
PCIE3
PCIE2
PCIE1
PCIE0
52
(0x67)
Reserved
(0x66)
OSCCAL
Oscillator Calibration Register
31
(0x65)
Reserved
(0x64)
PRR
PRTWI
–PRTIM0
PRTIM1
PRSPI
–PRADC
37
(0x63)
Reserved
(0x62)
Reserved
(0x61)
CLKPR
CLKPCE
CLKPS3
CLKPS2
CLKPS1
CLKPS0
31
(0x60)
WDTCSR
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
44
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
9
0x3E (0x5E)
Reserved
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
12
0x3C (0x5C)
Reserved
0x3B (0x5B)
Reserved
0x3A (0x5A)
Reserved
0x39 (0x59)
Reserved
0x38 (0x58)
Reserved
0x37 (0x57)
SPMCSR
RWWSB
CTPB
RFLB
PGWRT
PGERS
SELFPRGEN
182
0x36 (0x56)
Reserved
0x35 (0x55)
MCUCR
BPDS
BPDSE
PUD
0x34 (0x54)
MCUSR
WDRF
BORF
EXTRF
PORF
44
0x33 (0x53)
SMCR
–SM1
SM0
SE
36
0x32 (0x52)
Reserved
0x31 (0x51)
DWDR
debugWire Data Register
176
0x30 (0x50)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
156
0x2F (0x4F)
Reserved
0x2E (0x4E)
SPDR
SPI Data Register
123
0x2D (0x4D)
SPSR
SPIF
WCOL
SPI2X
122
0x2C (0x4C)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
121
0x2B (0x4B)
GPIOR2
General Purpose I/O Register 2
24
0x2A (0x4A)
GPIOR1
General Purpose I/O Register 1
24
0x29 (0x49)
Reserved
0x28 (0x48)
OCR0B
Timer/Counter0 Output Compare Register B
82
0x27 (0x47)
OCR0A
Timer/Counter0 Output Compare Register A
81
0x26 (0x46)
TCNT0
Timer/Counter0 (8-bit)
81
0x25 (0x45)
TCCR0A
CTC0
CS02
CS01
CS00
80
0x24 (0x44)
Reserved
0x23 (0x43)
GTCCR
TSM
PSRSYNC
113
0x22 (0x42)
Reserved
0x21 (0x41)
EEARL
EEPROM Address Register Low Byte
22
0x20 (0x40)
EEDR
EEPROM Data Register
22
0x1F (0x3F)
EECR
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
22
0x1E (0x3E)
GPIOR0
General Purpose I/O Register 0
24
0x1D (0x3D)
EIMSK
–INT1
INT0
51
0x1C (0x3C)
EIFR
INTF1
INTF0
51
0x1B (0x3B)
PCIFR
PCIF3
PCIF2
PCIF1
PCIF0
52
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - ATTINY48-MMH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny48-MMH ATMEL-ATtiny48-MMH Datasheet
6Mb / 266P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATtiny48-MMH ATMEL-ATtiny48-MMH Datasheet
937Kb / 26P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48-MMH ATMEL-ATTINY48-MMH Datasheet
8Mb / 302P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48-MMH ATMEL-ATTINY48-MMH Datasheet
937Kb / 26P
   Microcontroller with 4/8K Bytes In-System Programmable Flash
ATtiny48-MMHR ATMEL-ATtiny48-MMHR Datasheet
937Kb / 26P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY48-MMH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY88-MMU ATMEL-ATTINY88-MMU Datasheet
937Kb / 26P
   Microcontroller with 4/8K Bytes In-System Programmable Flash
ATMEGA48 ATMEL-ATMEGA48_10 Datasheet
1Mb / 19P
   Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25_14 Datasheet
1Mb / 34P
   Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48_10 Datasheet
937Kb / 26P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48_1 Datasheet
6Mb / 266P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48 Datasheet
698Kb / 22P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY88-AU ATMEL-ATTINY88-AU Datasheet
8Mb / 302P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48_09 Datasheet
728Kb / 23P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com