Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADD5207ACPZ-RL Datasheet(PDF) 10 Page - Analog Devices

Part # ADD5207ACPZ-RL
Description  Four-String, White LED Driver for LCD Backlight Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD5207ACPZ-RL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADD5207ACPZ-RL Datasheet HTML 6Page - Analog Devices ADD5207ACPZ-RL Datasheet HTML 7Page - Analog Devices ADD5207ACPZ-RL Datasheet HTML 8Page - Analog Devices ADD5207ACPZ-RL Datasheet HTML 9Page - Analog Devices ADD5207ACPZ-RL Datasheet HTML 10Page - Analog Devices ADD5207ACPZ-RL Datasheet HTML 11Page - Analog Devices ADD5207ACPZ-RL Datasheet HTML 12Page - Analog Devices ADD5207ACPZ-RL Datasheet HTML 13Page - Analog Devices ADD5207ACPZ-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADD5207
Data Sheet
Rev. A | Page 10 of 16
1µs/DIV
0V
0V
0A
VOUT
100mV/DIV
AC
VSW
20V/DIV
IL
500mA/DIV
VIN = 6V, fSW = 800kHz
BRIGHTNESS = 100%
LEDs = 10 SERIES × 4 PARALLEL
Figure 10. Switching Waveforms (VIN = 6 V)
0V
0V
0A
VOUT
100mV/DIV
AC
VSW
20V/DIV
IL
500mA/DIV
VIN = 21V, fSW = 800kHz
BRIGHTNESS = 100%
LEDs = 10 SERIES × 4 PARALLEL
1µs/DIV
Figure 11. Switching Waveforms (VIN = 21 V)
0V
0V
0A
PWM
2V/DIV
FB1
5V/DIV
IFB1
10mA/DIV
VIN = 12V
BRIGHTNESS = 1.5%
LEDs = 10 SERIES × 4 PARALLEL
100µs/DIV
Figure 12. LED Current Waveforms (Brightness = 1.5%)
0V
0V
0V
0V
FB1
7V/DIV
FB2
7V/DIV
FB3
7V/DIV
FB4
7V/DIV
VIN = 12V
BRIGHTNESS = 25%
LEDs = 10 SERIES × 4 PARALLEL
50µs/DIV
Figure 13. LED FBx Waveforms (Brightness = 25%)


Similar Part No. - ADD5207ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD5207ACPZ-RL AD-ADD5207ACPZ-RL Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
More results

Similar Description - ADD5207ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD5211 AD-ADD5211 Datasheet
167Kb / 6P
   Four-String, White LED Driver for LCD Backlight Applications
Rev. PrA
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
ADD5203 AD-ADD5203 Datasheet
1Mb / 24P
   8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
   Four White LED Backlight Driver
REV. C
logo
Maxim Integrated Produc...
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
ams AG
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
   16 channel white LED driver for LCD backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com