Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE370C722JCT Datasheet(PDF) 4 Page - Texas Instruments

Part # SE370C722JCT
Description  8-BIT MICROCONTROLLER
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SE370C722JCT Datasheet(HTML) 4 Page - Texas Instruments

  SE370C722JCT Datasheet HTML 1Page - Texas Instruments SE370C722JCT Datasheet HTML 2Page - Texas Instruments SE370C722JCT Datasheet HTML 3Page - Texas Instruments SE370C722JCT Datasheet HTML 4Page - Texas Instruments SE370C722JCT Datasheet HTML 5Page - Texas Instruments SE370C722JCT Datasheet HTML 6Page - Texas Instruments SE370C722JCT Datasheet HTML 7Page - Texas Instruments SE370C722JCT Datasheet HTML 8Page - Texas Instruments SE370C722JCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
TMS370Cx2x
8-BIT MICROCONTROLLER
SPNS018C – FEBRUARY 1993 – REVISED FEBRUARY 1997
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
description
The TMS370C020A, TMS370C022A, TMS370C320A, TMS370C322A, TMS370C722, and SE370C722
devices are members of the TMS370 family of single-chip 8-bit microcontrollers. Unless otherwise noted, the
term TMS370Cx2x refers to these devices. The TMS370 family provides cost-effective real-time system control
through integration of advanced peripheral modules and various function on-chip memory configurations.
The TMS370Cx2x family uses high-performance silicon-gate CMOS EPROM and EEPROM technology. Low
operating power, wide operating temperature range, and noise immunity of CMOS technology coupled with the
high performance and extensive on-chip peripheral functions make the TMS370Cx2x devices attractive in
system designs for automotive electronics, industrial motor, computer peripheral controls, telecommunications,
and consumer applications.
All TMS370Cx2x devices contain the following on-chip peripheral modules:
D Serial peripheral interface (SPI)
D Serial communications interface 1 (SCI1)
D One 24-bit general-purpose watchdog (WD) timer
D One 16-bit general-purpose timer with an 8-bit prescaler
Table 1 lists memory configurations of the TMS370Cx2x devices.
Table 1. Memory Configurations
DEVICE
PROGRAM MEMORY (BYTES)
DATA MEMORY (BYTES)
PIN/PACKAGES
DEVICE
ROM
EPROM
RAM
EEPROM
PIN/PACKAGES
TMS370C020A
4K
256
256
44/FN-PLCC
40/N-DIP
40/NJ‡-PSDIP
TMS370C022A
8K
256
256
44/FN-PLCC
40/N-DIP
40/NJ‡-PSDIP
TMS370C320A
4K
256
44/FN-PLCC
40/N-DIP
40/NJ‡-PSDIP
TMS370C322A
8K
256
44/FN-PLCC
40/N-DIP
40/NJ‡-PSDIP
TMS370C722
8K
256
256
44/FN-PLCC
40/N-DIP
40/NJ‡-PSDIP
SE370C722†
8K
256
256
44/FZ-CLCC
40/JD-CDIP
40/JC-CSDIP
† System evaluators and development tools are for use only in a prototype environment, and their reliability has not been characterized.
‡ The NJ designator for the 40-pin plastic shrink DIP package was formerly known as N2. The mechanical drawing of the NJ is identical to the N2
package and did not need to be requalified.
The suffix letter A appended to the device names in Table 1 indicates the configuration of the devices. ROM
or EPROM devices have different configurations as indicated in Table 2. ROM devices with the suffix letter A
are configured through a programmable contact during manufacture.


Similar Part No. - SE370C722JCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SE370C722JCT TI1-SE370C722JCT Datasheet
833Kb / 61P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - SE370C722JCT

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com