Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADD5207ACPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADD5207ACPZ
Description  Four-String, White LED Driver for LCD Backlight Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD5207ACPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADD5207ACPZ Datasheet HTML 8Page - Analog Devices ADD5207ACPZ Datasheet HTML 9Page - Analog Devices ADD5207ACPZ Datasheet HTML 10Page - Analog Devices ADD5207ACPZ Datasheet HTML 11Page - Analog Devices ADD5207ACPZ Datasheet HTML 12Page - Analog Devices ADD5207ACPZ Datasheet HTML 13Page - Analog Devices ADD5207ACPZ Datasheet HTML 14Page - Analog Devices ADD5207ACPZ Datasheet HTML 15Page - Analog Devices ADD5207ACPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADD5207
Data Sheet
Rev. A | Page 12 of 16
the output voltage. When the OVP pin voltage reaches the OVP
rising threshold, the boost converter stops switching, which causes
the output voltage to drop. When the OVP pin voltage drops below
the OVP falling threshold, the boot converter begins switching
again, causing the output to rise. There is about 0.8 V hysteresis
between the rising and falling thresholds. The OVP level is fixed
at 39 V (typical).
Open-Load Protection (OLP)
The ADD5207 contains a headroom control circuit to minimize
power loss at each current source. Therefore, the minimum
feedback voltage is achieved by regulating the output voltage of
the boost converter. If any LED string is open circuit during
normal operation, the current source headroom voltage (VHR) is
pulled to GND. In this condition, OLP is activated if VHR is less
than 150 mV until the boost converter output voltage rises up to
the OVP level.
Undervoltage Lockout (UVLO)
An undervoltage lockout circuit is included with built-in hysteresis.
The ADD5207 turns on when VIN rises above 5.0 V (typical) and
shuts down when VIN falls below 4.2 V (typical).
Thermal Protection
Thermal overload protection prevents excessive power dissipa-
tion from overheating and damaging the ADD5207. When the
junction temperature (TJ) exceeds 160°C, a thermal sensor
immediately activates the fault protection, which shuts down
the device and allows it to cool. The device self-starts when the
junction temperature (TJ) of the die falls below 130°C.
EXTERNAL COMPONENT SELECTION GUIDE
Inductor Selection
The inductor is an integral part of the step-up converter. It stores
energy during the switch’s on time and transfers that energy to
the output through the output diode during the switch’s off
time. An inductor in the range of 4.7 µH to 22 µH is
recommended. In general, lower inductance values result in
higher saturation current and lower series resistance for a given
physical size. However, lower inductance results in higher peak
current, which can lead to reduced efficiency and greater input
and/or output ripple and noise. Peak-to-peak inductor ripple
current at close to 30% of the maximum dc input current
typically yields an optimal compromise.
The input (VIN) and output (VOUT) voltages determine the
switch duty cycle (D), which, in turn, is used to determine the
inductor ripple current.
OUT
IN
OUT
V
V
V
D
=
Use the duty cycle and switching frequency (fSW) to determine
the on time.
SW
ON
f
D
t
=
The inductor ripple current (ΔIL) in a steady state is:
L
t
V
I
IN
L
ON
×
=
Solve for the inductance value (L):
L
IN
I
t
V
L
×
=
ON
Make sure that the peak inductor current (that is, the maximum
input current plus half of the inductor ripple current) is less
than the rated saturation current of the inductor. In addition,
ensure that the maximum rated rms current of the inductor is
greater than the maximum dc input current to the regulator.
For duty cycles greater than 50% that occur with input voltages
greater than half the output voltage, slope compensation is required
to maintain stability of the current mode regulator. The inherent
open-loop stability causes subharmonic instability when the
duty ratio is greater than 50%. To avoid subharmonic instability,
the slope of the inductor current should be less than half of the
compensation slope.
Inductor manufacturers include: Coilcraft, Inc., Sumida
Corporation, and Toko.
Input and Output Capacitor Selection
The ADD5207 requires input and output bypass capacitors to
supply transient currents while maintaining a constant input
and output voltage. Use a low effective series resistance (ESR)
10 μF or greater capacitor for the input capacitor to prevent noise
at the ADD5207 input. Place the input between VIN and GND,
as close as possible to the ADD5207. Ceramic capacitors are
preferred because of their low ESR characteristics. Alternatively,
use a high value, medium ESR capacitor in parallel with a
0.1 μF low ESR capacitor as close as possible to the ADD5207.
The output capacitor maintains the output voltage and supplies
current to the load while the ADD5207 switch is on. The value
and characteristics of the output capacitor greatly affect the
output voltage ripple and stability of the regulator. Use a low
ESR output capacitor; ceramic dielectric capacitors are preferred.
For very low ESR capacitors, such as ceramic capacitors, the
ripple current due to the capacitance is calculated as follows.
Because the capacitor discharges during the on time (tON), the
charge removed from the capacitor (QC) is the load current
multiplied by the on time. Therefore, the output voltage ripple
(ΔVOUT) is
OUT
ON
L
OUT
C
OUT
C
t
I
C
Q
V
×
=
=
where:
COUT is the output capacitance.
IL is the average inductor current.


Similar Part No. - ADD5207ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD5207ACPZ-RL AD-ADD5207ACPZ-RL Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
More results

Similar Description - ADD5207ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD5211 AD-ADD5211 Datasheet
167Kb / 6P
   Four-String, White LED Driver for LCD Backlight Applications
Rev. PrA
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
ADD5203 AD-ADD5203 Datasheet
1Mb / 24P
   8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
   Four White LED Backlight Driver
REV. C
logo
Maxim Integrated Produc...
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
ams AG
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
   16 channel white LED driver for LCD backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com