Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2005D1DGNR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2005D1DGNR
Description  1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2005D1DGNR Datasheet(HTML) 5 Page - Texas Instruments

  TPA2005D1DGNR Datasheet HTML 1Page - Texas Instruments TPA2005D1DGNR Datasheet HTML 2Page - Texas Instruments TPA2005D1DGNR Datasheet HTML 3Page - Texas Instruments TPA2005D1DGNR Datasheet HTML 4Page - Texas Instruments TPA2005D1DGNR Datasheet HTML 5Page - Texas Instruments TPA2005D1DGNR Datasheet HTML 6Page - Texas Instruments TPA2005D1DGNR Datasheet HTML 7Page - Texas Instruments TPA2005D1DGNR Datasheet HTML 8Page - Texas Instruments TPA2005D1DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TYPICAL CHARACTERISTICS
Table of Graphs
TEST SET-UP FOR GRAPHS
TPA2005D1
IN+
IN−
OUT+
OUT−
VDD
GND
CI
CI
RI
RI
Measurement
Output
+
1
µF
+
VDD
Load
30 kHz
Low Pass
Filter
Measurement
Input
+
Notes:
(1) CI was Shorted for any Common-Mode input voltage measurement
(2) A 33-
µH inductor was placed in series with the load resistor to emulate a small speaker for efficiency measurements.
(3) The 30-kHz low-pass filter is required even if the analyzer has a low-pass filter. An RC filter (100 W, 47 nF) is used on
each output for the data sheet graphs.
TPA2005D1
www.ti.com............................................................................................................................................................... SLOS369F – JULY 2002 – REVISED JULY 2008
FIGURE
Efficiency
vs Output power
1, 2
PD
Power dissipation
vs Output power
3
Supply current
vs Output power
4, 5
I(Q)
Quiescent current
vs Supply voltage
6
I(SD)
Shutdown current
vs Shutdown voltage
7
vs Supply voltage
8
PO
Output power
vs Load resistance
9, 10
vs Output power
11, 12
THD+N
Total harmonic distortion plus noise
vs Frequency
13, 14, 15, 16
vs Common-mode input voltage
17
vs Frequency
18, 19, 20
kSVR
Supply voltage rejection ratio
vs Common-mode input voltage
21
vs Time
22
GSM power supply rejection
vs Frequency
23
vs Frequency
24
CMRR
Common-mode rejection ratio
vs Common-mode input voltage
25
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPA2005D1


Similar Part No. - TPA2005D1DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2005D1DGNR TI1-TPA2005D1DGNR Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2005D1DGNRG4 TI1-TPA2005D1DGNRG4 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2005D1DGNRQ1 TI1-TPA2005D1DGNRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
More results

Similar Description - TPA2005D1DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com