Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2005D1DGNG4 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2005D1DGNG4
Description  1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2005D1DGNG4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPA2005D1DGNG4 Datasheet HTML 12Page - Texas Instruments TPA2005D1DGNG4 Datasheet HTML 13Page - Texas Instruments TPA2005D1DGNG4 Datasheet HTML 14Page - Texas Instruments TPA2005D1DGNG4 Datasheet HTML 15Page - Texas Instruments TPA2005D1DGNG4 Datasheet HTML 16Page - Texas Instruments TPA2005D1DGNG4 Datasheet HTML 17Page - Texas Instruments TPA2005D1DGNG4 Datasheet HTML 18Page - Texas Instruments TPA2005D1DGNG4 Datasheet HTML 19Page - Texas Instruments TPA2005D1DGNG4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
BOARD LAYOUT
Component Location
Trace Width
MicroStar Junior™ BGA Layout
0,28
mm
0,38
mm
0,25
mm
SD
NC
IN+
IN−
GND
GND
GND
GND
GND
GND
GND
VDD
VDD
Vo+
Vo−
Solder Mask
Paste Mask
Copper Trace
TPA2005D1
SLOS369F – JULY 2002 – REVISED JULY 2008............................................................................................................................................................... www.ti.com
Place all the external components close to the TPA2005D1. The input resistors need to be close to the
TPA2005D1 input pins so noise does not couple on the high impedance nodes between the input resistors and
the input amplifier of the TPA2005D1. Placing the decoupling capacitor, CS, close to the TPA2005D1 is important
for the efficiency of the class-D amplifier. Any resistance or inductance in the trace between the device and the
capacitor can cause a loss in efficiency.
Make the high current traces going to pins VDD, GND, VO+ and VO- of the TPA2005D1 have a minimum width of
0,7 mm. If these traces are too thin, the TPA2005D1's performance and output power will decrease. The input
traces do not need to be wide, but do need to run side-by-side to enable common-mode noise cancellation.
Use the following MicroStar Junior BGA ball diameters:
• 0,25 mm diameter solder mask
• 0,28 mm diameter solder paste mask/stencil
• 0,38 mm diameter copper trace
Figure 38 shows how to lay out a board for the TPA2005D1 MicroStar Junior BGA.
Figure 38. TPA2005D1 MicroStar Junior BGA Board Layout (Top View)
16
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2005D1


Similar Part No. - TPA2005D1DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2005D1DGNG4 TI1-TPA2005D1DGNG4 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
More results

Similar Description - TPA2005D1DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com